Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVX245MTCX Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 74LVX245MTCX
Descripción Electrónicos  Low Voltage Octal Bidirectional Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX245MTCX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74LVX245MTCX Datasheet HTML 1Page - Fairchild Semiconductor 74LVX245MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74LVX245MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74LVX245MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74LVX245MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74LVX245MTCX Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics (Note 3)
Note 3: Input tr
tf
3 ns
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Diode Current (IIK)
VI
0.5V
20 mA
DC Input Voltage T/R, OE (VI)
0.5V to 7V
DC Diode Current (IOK)
VO
0.5V
20 mA
VO VCC  0.5V
20 mA
DC Bus I/O Voltage (VI/O)
0.5V to VCC  0.5V
DC Output Source
or Sink Current (IO)
r25 mA
DC VCC or Ground Current
(ICC or IGND)
r75 mA
Storage Temperature (TSTG)
65qC to 150qC
Power Dissipation
180 mW
Supply Voltage (VCC)
2.0V to 3.6V
Input Voltage T/R, OE (VI)0V to 5.5V
Bus I/O Voltage (VI/O)
0V to VCC
Operating Temperature (TA)
40qC to 85qC
Input Rise and Fall Time (
't/'V)
0 ns/V to 100 ns/V
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
VIH
HIGH Level
2.0
1.5
1.5
Input
3.0
2.0
2.0
V
Voltage
3.6
2.4
2.4
VIL
LOW Level
2.0
0.5
0.5
Input
3.0
0.8
0.8
V
Voltage
3.6
0.8
0.8
VOH
HIGH Level
2.0
1.9
2.0
1.9
VIN VIH or VIL IOH 50 PA
Output
3.0
2.9
3.0
2.9
V
IOH 50 PA
Voltage
3.0
2.58
2.48
IOH 4 mA
VOL
LOW Level
2.0
0.0
0.1
0.1
VIN VIH or VIL IOL 50 PA
Output
3.0
0.0
0.1
0.1
V
IOL 50 PA
Voltage
3.0
0.36
0.44
IOL 4 mA
IOZ
3-STATE
3.6
r0.25
r2.5
PAVIN VIH or VIL
Output
VOUT VCC or GND
Off-State Current
IIN
Input Leakage Current
3.6
r0.1
r1.0
PAVIN 5.5V or GND
ICC
Quiescent Supply Current
3.6
4.0
40.0
PAVIN VCC or GND
Symbol
Parameter
VCC
TA 25qC
Units
Conditions
(V)
Typ
Limit
CL (pF)
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.5
0.8
V
50
VOLV
Quiet Output Minimum Dynamic VOL
3.3
0.5
0.8
V
50
VIHD
Minimum HIGH Level Dynamic Input Voltage
3.3
2.0
V
50
VILD
Maximum LOW Level Dynamic Input Voltage
3.3
0.8
V
50


Número de pieza similar - 74LVX245MTCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
74LVX245MTCX NSC-74LVX245MTCX Datasheet
130Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
More results

Descripción similar - 74LVX245MTCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
74LVX245 ONSEMI-74LVX245 Datasheet
192Kb / 8P
   Low Voltage Octal Bidirectional Transceiver
Revised April 2005
logo
Fairchild Semiconductor
74LVQ245 FAIRCHILD-74LVQ245_01 Datasheet
69Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
National Semiconductor ...
74LVX245 NSC-74LVX245 Datasheet
130Kb / 6P
   Low Voltage Octal Bidirectional Transceiver
logo
ON Semiconductor
74LVT2245 ONSEMI-74LVT2245 Datasheet
294Kb / 11P
   Low Voltage Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
74AC245 ONSEMI-74AC245 Datasheet
406Kb / 14P
   Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ245 FAIRCHILD-74LVQ245 Datasheet
94Kb / 6P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LCXR2245 ONSEMI-74LCXR2245 Datasheet
435Kb / 14P
   Low Voltage Bidirectional Transceiver
March 2008 Rev. 1.2.0
74VCX245 ONSEMI-74VCX245 Datasheet
654Kb / 13P
   Low Voltage Bidirectional Transceiver
Revised December 2013
74LVT245 ONSEMI-74LVT245 Datasheet
328Kb / 12P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com