Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVX4245MTC Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74LVX4245MTC
Descripción Electrónicos  8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX4245MTC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVX4245MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LVX4245MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LVX4245MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LVX4245MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LVX4245MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LVX4245MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LVX4245MTC Datasheet HTML 7Page - Fairchild Semiconductor 74LVX4245MTC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: Worst case package.
Note 5: Max number of outputs defined as (n). Data inputs are driven 0V to VCC level; one output at GND.
Note 6: Max number of Data Inputs (n) switching. (n
−1) inputs switching 0V to V
CC level. Input-under-test switching:
VCC level to threshold (VIHD), OV to threshold (VILD), f = 1 MHz.
AC Electrical Characteristics
Note 7: Voltage Range 5.0V is 5.0V
± 0.5V.
Note 8: Voltage Range 3.3V is 3.3V
± 0.3V.
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Symbol
Parameter
VCCA
VCCB
TA +25°CTA = −40°C to +85°C
Units
Conditions
(V)
(V)
Typ
Guaranteed Limits
ICCA
Quiescent VCCA
An = VCCA or GND
Supply Current
5.5
3.6
8
80
µAB
n = VCCB or GND,
OE
= GND T/R = GND
ICCB
Quiescent VCCB
An = VCCA or GND
Supply Current
5.5
3.6
5
50
µAB
n = VCCB or GND,
OE
= GND T/R = V
CCA
VOLPA
Quiet Output Maximum
5.0
3.3
1.5
V
(Note 4)(Note 5)
VOLPB
Dynamic VOL
5.0
3.3
0.8
VOLVA
Quiet Output Minimum
5.0
3.3
−1.2
V
(Note 4)(Note 5)
VOLVB
Dynamic VOL
5.0
3.3
−0.8
VIHDA
Minimum HIGH Level
5.0
3.3
2.0
V
(Note 4)(Note 6)
VIHDB
Dynamic Input Voltage
5.0
3.3
2.0
VILDA
Maximum LOW Level
5.0
3.3
0.8
V
(Note 4)(Note 6)
VILDB
Dynamic Input Voltage
5.0
3.3
0.8
Symbol
Parameters
TA = +25°CTA = −40°C to +85°CTA = −40°C to +85°C
Units
CL = 50 pF
CL = 50 pF
CL = 50 pF
VCCA = 5V (Note 7)
VCCA = 5V (Note 7)
VCCA = 5V (Note 7)
VCCB = 3.3V (Note 8)
VCCB = 3.3V (Note 8)
VCCB = 2.7V
Min
Typ
Max
Min
Max
Min
Max
tPHL
Propagation Delay
1.0
5.1
8.5
1.0
9.0
1.0
10.0
ns
tPLH
A to B
1.0
5.3
8.5
1.0
9.0
1.0
10.0
tPHL
Propagation Delay
1.0
5.4
8.5
1.0
9.0
1.0
10.0
ns
tPLH
B to A
1.0
5.5
8.5
1.0
9.0
1.0
10.0
tPZL
Output Enable Time
1.0
6.5
10.0
1.0
10.5
1.0
11.5
ns
tPZH
OE to B
1.0
6.7
10.0
1.0
10.5
1.0
11.5
tPZL
Output Enable Time
1.0
5.2
9.0
1.0
9.5
1.0
10.0
ns
tPZH
OE to A
1.0
5.8
9.0
1.0
9.5
1.0
10.0
tPHZ
Output Disable Time
1.0
6.0
9.5
1.0
10.0
1.0
10.0
ns
tPLZ
OE to B
1.0
3.3
6.5
1.0
7.0
1.0
7.5
tPHZ
Output Disable Time
1.0
3.9
7.0
1.0
7.5
1.0
7.5
ns
tPLZ
OE to A
1.0
2.9
6.5
1.0
7.0
1.0
7.5
tOSHL
Output to Output
tOSLH
Skew (Note 9)
1.0
1.5
1.5
1.5
ns
Data to Output


Número de pieza similar - 74LVX4245MTC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
74LVX4245MTC NSC-74LVX4245MTC Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245MTCX NSC-74LVX4245MTCX Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
More results

Descripción similar - 74LVX4245MTC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVX4245 NSC-54LVX4245 Datasheet
118Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245 NSC-74LVX4245 Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX3245 NSC-54LVX3245 Datasheet
114Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX4245_993 NSC-54LVX4245_993 Datasheet
120Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
Nexperia B.V. All right...
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com