Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VCX162838 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 74VCX162838
Descripción Electrónicos  Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX162838 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VCX162838 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX162838 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX162838 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX162838 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX162838 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX162838 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX162838 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (2.3V
≤ V
CC ≤ 2.7V)
Note 6: Outputs disabled or 3-STATE only.
DC Electrical Characteristics (1.65V
≤ V
CC < 2.3V)
Note 7: Outputs disabled or 3-STATE only.
Symbol
Parameter
Conditions
VCC
(V)
Min
Max
Units
VIH
HIGH Level Input Voltage
2.3–2.7
1.6
V
VIL
LOW Level Input Voltage
2.3–2.7
0.7
V
VOH
HIGH Level Output Voltage
IOH = −100 µA2.3–2.7
VCC − 0.2
V
IOH = −4 mA
2.3
2.0
V
IOH = −6 mA
2.3
1.8
V
IOH = −8 mA
2.3
1.7
V
VOL
LOW Level Output Voltage
IOL = 100 µA2.3–2.7
0.2
V
IOL = 6 mA
2.3
0.4
V
IOL = 8 mA
2.3
0.6
V
II
Input Leakage Current
0
≤ V
I ≤ 3.6V
2.3–2.7
±5.0
µA
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 3.6V
2.3–2.7
±10
µA
VI = VIH or VIL
IOFF
Power-OFF Leakage Current
0
≤ (V
I, VO) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3–2.7
20
µA
VCC ≤ (VI, VO) ≤ 3.6V (Note 6)
2.3–2.7
±20
µA
Symbol
Parameter
Conditions
VCC
(V)
Min
Max
Units
VIH
HIGH Level Input Voltage
1.65 - 2.3
0.65
× V
CC
V
VIL
LOW Level Input Voltage
1.65 - 2.3
0.35
× V
CC
V
VOH
HIGH Level Output Voltage
IOH = −100 µA1.65 - 2.3
VCC − 0.2
V
IOH = −3 mA
1.65
1.25
V
VOL
LOW Level Output Voltage
IOL = 100 µA
1.65 - 2.3
0.2
V
IOL = 3 mA
1.65
0.3
V
II
Input Leakage Current
0
≤ V
I ≤ 3.6V
1.65 - 2.3
±5.0
µA
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 3.6V
1.65 - 2.3
±10
µA
VI = VIH or VIL
IOFF
Power-OFF Leakage Current
0
≤ (V
I, VO) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
1.65 - 2.3
20
µA
VCC ≤ (VI, VO) ≤ 3.6V (Note 7)
1.65 - 2.3
±20
µA


Número de pieza similar - 74VCX162838

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VCX162835 FAIRCHILD-74VCX162835 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX162835MTD FAIRCHILD-74VCX162835MTD Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX162839 FAIRCHILD-74VCX162839 Datasheet
61Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74VCX162839 FAIRCHILD-74VCX162839 Datasheet
75Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74VCX162839MTD FAIRCHILD-74VCX162839MTD Datasheet
61Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
More results

Descripción similar - 74VCX162838

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ALVC162838 FAIRCHILD-74ALVC162838 Datasheet
88Kb / 6P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74ALVC162839 FAIRCHILD-74ALVC162839 Datasheet
83Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74VCX162839 FAIRCHILD-74VCX162839 Datasheet
61Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74VCX16838 FAIRCHILD-74VCX16838 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16838 FAIRCHILD-74VCX16838_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX162839 FAIRCHILD-74VCX162839_00 Datasheet
75Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74ALVC16839 FAIRCHILD-74ALVC16839 Datasheet
81Kb / 6P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX16839 FAIRCHILD-74VCX16839 Datasheet
74Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
74VCX162827 FAIRCHILD-74VCX162827 Datasheet
135Kb / 8P
   Low Voltage 20-Bit Buffer Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs
74ALVC162827 FAIRCHILD-74ALVC162827 Datasheet
77Kb / 6P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com