Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VCX163245 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza 74VCX163245
Descripción Electrónicos  Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX163245 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74VCX163245 Datasheet HTML 1Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX163245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (1.65V
 VCCB d 1.95V, 3.0V  VCCA d 3.6V)
DC Electrical Characteristics (2.3V
 VCCB d 2.7V, 3.0V d VCCA d 3.6V)
Symbol
Parameter
Conditions
VCCB
VCCA
Min
Max
Units
(V)
(V)
VIHA
HIGH Level Input Voltage An
1.65–1.95
3.0–3.6
2.0
V
VIHB
Bn, T/R, OE
1.65–1.95
3.0–3.6
0.65 x VCCB
V
VILA
LOW Level Input Voltage
An
1.65–1.95
3.0–3.6
0.8
V
VILB
Bn, T/R, OE
1.65–1.95
3.0–3.6
0.35 x VCCB
V
VOHA
HIGH Level Output Voltage
IOH 100 PA1.65–1.95
3.0–3.6
VCCA–0.2
V
IOH 24 mA
1.65
3.0–3.6
2.2
VOHB
HIGH Level Output Voltage
IOH 100 PA1.65–1.95
3.0–3.6
VCCA–0.2
V
IOH 6 mA
1.65–1.95
3.0
1.25
VOLA
LOW Level Output Voltage
IOL 100 PA1.65–1.95
3.0–3.6
0.2
V
IOL 24 mA
1.65
3.0–3.6
0.55
VOLB
LOW Level Output Voltage
IOL 100 PA1.65–1.95
3.0–3.6
0.2
V
IOL 6 mA
1.65–1.95
3.0
0.3
II
Input Leakage Current @ OE, T/R
0V
d VI d 3.6V
1.65–1.95
3.0–3.6
r5.0
PA
IOZ
3-STATE Output Leakage
0V
d VO d 3.6V
1.65–1.95
3.0–3.6
r10
PA
OE*
VCCB
VI VIH or VIL
IOFF
Power OFF Leakage Current
0
d (VI, VO) d 3.6V
0
0
10
PA
ICCA/ICCB Quiescent Supply Current,
An VCCA or GND
1.65–1.95
3.0–3.6
20
PA
per supply, VCCA/VCCB
Bn, OE, & T/R VCCB or GND
VCCA d An d 3.6V
1.65–1.95
3.0–3.6
r20
PA
VCCB d Bn, OE, T/R d 3.6V
'ICC
Increase in ICC per Input, Bn, T/R, OE
VI VCCB  0.6V
1.65–1.95
3.0–3.6
750
PA
Increase in ICC per Input, An
VI VCCA  0.6V
1.65–1.95
3.0–3.6
750
PA
Symbol
Parameter
Conditions
VCCB
VCCA
Min
Max
Units
(V)
(V)
VIHA
HIGH Level Input Voltage An
2.3–2.7
3.0–3.6
2.0
V
VIHB
Bn, T/R, OE
2.3–2.7
3.0–3.6
1.6
V
VILA
LOW Level Input Voltage
An
2.3–2.7
3.0–3.6
0.8
V
VILB
Bn, T/R, OE
2.3–2.7
3.0–3.6
0.7
V
VOHA
HIGH Level Output Voltage
IOH 100 PA2.3–2.7
3.0–3.6
VCCA–0.2
V
IOH 24 mA
2.3
3.0–3.6
2.2
VOHB
HIGH Level Output Voltage
IOH 100 PA2.3–2.7
3.0–3.6
VCCB–0.2
V
IOH 18 mA
2.3–2.7
3.0
1.7
VOLA
LOW Level Output Voltage
IOL 100 PA2.3–2.7
3.0–3.6
0.2
V
IOL 24 mA
2.3
3.0–3.6
0.55
VOLB
LOW Level Output Voltage
IOL 100 PA2.3–2.7
3.0–3.6
0.2
V
IOL 18 mA
2.3–2.7
3.0
0.6
II
Input Leakage Current @ OE, T/R
0V
d VI d 3.6V
2.3–2.7
3.0–3.6
r5.0
PA
IOZ
3-STATE Output Leakage @ An
0V
d VO d 3.6V
2.3–2.7
3.0–3.6
r10
PA
OE
VCCA
VI VIH or VIL
IOFF
Power OFF Leakage Current
0
d (VI, VO) d 3.6V
0
0
10
PA
ICCA/ICCB Quiescent Supply Current,
An VCCA or GND
2.3–2.7
3.0–3.6
20
PA
per supply, VCCA/VCCB
Bn, OE, & T/R VCCB or GND
VCCA d An d 3.6V
2.3–2.7
3.0–3.6
r20
PA
VCCB d Bn, OE, T/R d 3.6V
'ICC
Increase in ICC per Input, Bn, T/R, OE
VI VCCB  0.6V
2.3–2.7
3.0–3.6
750
PA
Increase in ICC per Input, An
VI VCCA  0.6V
2.3–2.7
3.0–3.6
750
PA


Número de pieza similar - 74VCX163245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74VCX163245 STMICROELECTRONICS-74VCX163245 Datasheet
342Kb / 15P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
logo
ON Semiconductor
74VCX163245 ONSEMI-74VCX163245 Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
74VCX163245G ONSEMI-74VCX163245G Datasheet
316Kb / 14P
   Low Voltage 16-Bit Dual Supply Translating Transceiver
May 2007 Rev. 1.7
logo
Fairchild Semiconductor
74VCX163245G FAIRCHILD-74VCX163245G_07 Datasheet
338Kb / 12P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
STMicroelectronics
74VCX163245LB STMICROELECTRONICS-74VCX163245LB Datasheet
342Kb / 15P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
More results

Descripción similar - 74VCX163245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VCX164245 FAIRCHILD-74VCX164245 Datasheet
101Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74VCX163245 FAIRCHILD-74VCX163245_07 Datasheet
338Kb / 12P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74ALVC163245 FAIRCHILD-74ALVC163245 Datasheet
106Kb / 9P
   Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Fairchild Semiconductor
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com