Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VCX32500G Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza 74VCX32500G
Descripción Electrónicos  Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX32500G Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74VCX32500G Datasheet HTML 1Page - Fairchild Semiconductor 74VCX32500G Datasheet HTML 2Page - Fairchild Semiconductor 74VCX32500G Datasheet HTML 3Page - Fairchild Semiconductor 74VCX32500G Datasheet HTML 4Page - Fairchild Semiconductor 74VCX32500G Datasheet HTML 5Page - Fairchild Semiconductor 74VCX32500G Datasheet HTML 6Page - Fairchild Semiconductor 74VCX32500G Datasheet HTML 7Page - Fairchild Semiconductor 74VCX32500G Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics (Note 11)
Note 11: For CL = 50pF, add approximately 300ps to the AC maximum specification.
Note 12: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
AC Electrical Characteristics Over Load (Note 13)
Note 13: Characterized only.
Dynamic Switching Characteristics
Symbol
Parameter
TA = −40°C to +85°C, CL = 30 pF, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.5 ± 0.2V
VCC = 1.8 ± 0.15V
Min
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
250
200
100
MHz
tPHL, tPLH
Propagation Delay
0.6
3.1
0.8
4.0
1.5
7.2
ns
Bus to Bus
tPHL, tPLH
Propagation Delay
1.0
3.2
1.5
4.1
2.0
7.4
ns
Clock to Bus
tPHL, tPLH
Propagation Delay
0.6
3.7
0.8
4.7
1.5
8.5
ns
LE to Bus
tPZL, tPZH
Output Enable Time
0.6
4.3
0.8
5.9
1.5
9.8
ns
tPLZ, tPHZ
Output Disable Time
0.6
4.2
0.8
4.7
1.5
7.9
ns
tS
Setup Time
1.5
1.5
2.5
ns
tH
Hold Time
0.7
0.7
1.0
ns
tW
Pulse Width
1.5
1.5
4.0
ns
tOSHL
Output to Output Skew
0.5
0.5
0.75
ns
tOSLH
(Note 12)
Symbol
Parameter
TA = −0°C to +85°C, RL = 500Ω VCC = 3.3V ± 03V
Units
CL = 50 pF
Min
Max
tPHL, tPLH
Prop Delay Bus to Bus
1.0
3.4
ns
tPHL, tPLH
Prop Delay Clock to Bus
1.4
3.5
ns
tPHL, tPLH
Prop Delay LE to Bus
1.0
4.0
ns
tPZL, tPZH
Output Enable Time
1.0
4.6
ns
tPLZ, tPHZ
Output Disable Time
1.0
4.5
ns
tS
Setup Time
1.0
ns
tH
Hold Time
0.6
ns
Symbol
Parameter
Conditions
VCC
TA=+25°C
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
0.25
2.5
0.40
V
3.3
0.55
VOLV
Quiet Output Dynamic Valley VOL
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
−0.25
2.5
−0.40
V
3.3
−0.55
VOHV
Quiet Output Dynamic Valley VOH
CL = 30 pF, VIH = VCC, VIL = 0V
1.8
1.35
2.5
1.80
V
3.3
2.30


Número de pieza similar - 74VCX32500G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VCX32500G FAIRCHILD-74VCX32500G Datasheet
148Kb / 9P
   Low Voltage 36-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
More results

Descripción similar - 74VCX32500G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74ALVCF162835 FAIRCHILD-74ALVCF162835 Datasheet
106Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74VCXF16283_0011 FAIRCHILD-74VCXF16283_0011 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74ALVC162835 FAIRCHILD-74ALVC162835 Datasheet
89Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX162835 FAIRCHILD-74VCX162835 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74ALVCF322835 FAIRCHILD-74ALVCF322835 Datasheet
161Kb / 8P
   Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74ALVCR162601 FAIRCHILD-74ALVCR162601 Datasheet
92Kb / 6P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCXR162601 FAIRCHILD-74VCXR162601_04 Datasheet
140Kb / 9P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74ALVCF322835 FAIRCHILD-74ALVCF322835_04 Datasheet
163Kb / 7P
   Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26ohm Series Resistors in Outputs
74VCXR162601 FAIRCHILD-74VCXR162601 Datasheet
60Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74ALVC16835 FAIRCHILD-74ALVC16835 Datasheet
88Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com