Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHC164MX_NL Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza 74VHC164MX_NL
Descripción Electrónicos  8-Bit Serial-In, Parallel-Out Shift Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC164MX_NL Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74VHC164MX_NL Datasheet HTML 1Page - Fairchild Semiconductor 74VHC164MX_NL Datasheet HTML 2Page - Fairchild Semiconductor 74VHC164MX_NL Datasheet HTML 3Page - Fairchild Semiconductor 74VHC164MX_NL Datasheet HTML 4Page - Fairchild Semiconductor 74VHC164MX_NL Datasheet HTML 5Page - Fairchild Semiconductor 74VHC164MX_NL Datasheet HTML 6Page - Fairchild Semiconductor 74VHC164MX_NL Datasheet HTML 7Page - Fairchild Semiconductor 74VHC164MX_NL Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Functional Description
The VHC164 is an edge-triggered 8-bit shift register with
serial data entry and an output from each of the eight
stages. Data is entered serially through one of two inputs
(A or B); either of these inputs can be used as an active
High Enable for data entry through the other input. An
unused input must be tied HIGH.
Each LOW-to-HIGH transition on the Clock (CP) input
shifts data one place to the right and enters into Q0 the log-
ical AND of the two data inputs (A • B) that existed before
the rising clock edge. A LOW level on the Master Reset
(MR) input overrides all other inputs and clears the register
asynchronously, forcing all Q outputs LOW.
Function Table
H
HIGH Voltage Levels
L
LOW Voltage Levels
X
Immaterial
Q
Lower case letters indicate the state of the referenced input or output
one setup time prior to the LOW-to-HIGH clock transition.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Operating
Inputs
Outputs
Mode
MR
AB
Q0
Q1–Q7
Reset (Clear)
L
X
X
L
L–L
Shift
H
L
L
L
Q0–Q6
HL
HL
Q0–Q6
HH
L
L
Q0–Q6
HH
HH
Q0–Q6


Número de pieza similar - 74VHC164MX_NL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC164M FAIRCHILD-74VHC164M Datasheet
86Kb / 7P
   8-Bit Serial-In, Parallel-Out Shift Register
logo
ON Semiconductor
74VHC164M ONSEMI-74VHC164M Datasheet
326Kb / 10P
   8-Bit Serial-In, Parallel-Out Shift Register
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74VHC164MTC FAIRCHILD-74VHC164MTC Datasheet
86Kb / 7P
   8-Bit Serial-In, Parallel-Out Shift Register
logo
ON Semiconductor
74VHC164MTC ONSEMI-74VHC164MTC Datasheet
326Kb / 10P
   8-Bit Serial-In, Parallel-Out Shift Register
February 2008 Rev. 1.4.0
More results

Descripción similar - 74VHC164MX_NL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com