Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHC4040N Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 74VHC4040N
Descripción Electrónicos  12-Stage Binary Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC4040N Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VHC4040N Datasheet HTML 1Page - Fairchild Semiconductor 74VHC4040N Datasheet HTML 2Page - Fairchild Semiconductor 74VHC4040N Datasheet HTML 3Page - Fairchild Semiconductor 74VHC4040N Datasheet HTML 4Page - Fairchild Semiconductor 74VHC4040N Datasheet HTML 5Page - Fairchild Semiconductor 74VHC4040N Datasheet HTML 6Page - Fairchild Semiconductor 74VHC4040N Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: Absolute Maximum Ratings are values beyond which the device
may be damaged or have its useful life impaired. The databook specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside databook specifica-
tions.
Note 2: Unused inputs must be held HIGH or LOW. They may not float
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Voltage (VIN)
−0.5V to +7.0V
DC Output Voltage (VOUT)
−0.5V to V
CC + 0.5V
Input Diode Current (IIK)
−20 mA
Output Diode Current (IOK)
±20 mA
DC Output Current (IOUT)
±25 mA
DC VCC/GND Current (ICC)
±75 mA
Storage Temperature (TSTG)
−65°C to +150°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
Supply Voltage (VCC)2.0V to +5.5V
Input Voltage (VIN)0V to +5.5V
Output Voltage (VOUT)0V to VCC
Operating Temperature (TOPR)
−40°C to +85°C
Input Rise and Fall Time (tr, tf)
VCC = 3.3V ± 0.3V
0
∼ 100 ns/V
VCC = 5.0V ± 0.5V
0
∼ 20 ns/V
Symbol
Parameter
VCC
(V)
TA = 25°CTA = −40°C to +85°C
Units
Conditions
Min
Typ
Max
Min
Max
VIH
HIGH Level Input
2.0
1.50
1.50
V
Voltage
3.0
− 5.5
0.7 VCC
0.7 VCC
VIL
LOW Level Input
2.0
0.50
0.50
V
Voltage
3.0
− 5.5
0.3 VCC
0.3 VCC
VOH
HIGH Level Output
2.0
1.9
2.0
1.9
V
VIN = VIH
or VIL
IOH = −50 µA
Voltage
3.0
2.9
3.0
2.9
4.5
4.4
4.5
4.4
3.0
2.58
2.48
IOH = −4 mA
4.5
3.94
3.80
IOH = −8 mA
VOL
LOW Level Output
2.0
0.0
0.1
0.1
V
VIN = VIH
or VIL
IOL = 50 µA
Voltage
3.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
3.0
0.36
0.44
IOL = 4 mA
4.5
0.36
0.44
IOL = 8 mA
IIN
Input Leakage Current
0
− 5.5
±0.1
±1.0
µAV
IN = 5.5V or GND
ICC
Quiescent Supply Current
5.5
4.0
40.0
µAV
IN = VCC or GND


Número de pieza similar - 74VHC4040N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040 Datasheet
333Kb / 9P
   12-Stage Binary Counter
logo
Toshiba Semiconductor
74VHC4040FT TOSHIBA-74VHC4040FT Datasheet
189Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-13 Rev.4.0
logo
Fairchild Semiconductor
74VHC4040M FAIRCHILD-74VHC4040M Datasheet
333Kb / 9P
   12-Stage Binary Counter
74VHC4040MTC FAIRCHILD-74VHC4040MTC Datasheet
333Kb / 9P
   12-Stage Binary Counter
74VHC4040 FAIRCHILD-74VHC4040_07 Datasheet
333Kb / 9P
   12-Stage Binary Counter
More results

Descripción similar - 74VHC4040N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
   12-stage Binary Counter
logo
STMicroelectronics
M74HC4040 STMICROELECTRONICS-M74HC4040 Datasheet
356Kb / 11P
   12 STAGE BINARY COUNTER
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040_07 Datasheet
333Kb / 9P
   12-Stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4040 HITACHI-HD74HC4040 Datasheet
54Kb / 9P
   12-stage Binary Counter
logo
Renesas Technology Corp
HD74LV4040A RENESAS-HD74LV4040A Datasheet
185Kb / 11P
   12-stage Binary Counter
HD74HC4040 RENESAS-HD74HC4040_15 Datasheet
113Kb / 9P
   12-stage Binary Counter
HD74LV4040A RENESAS-HD74LV4040A_15 Datasheet
205Kb / 13P
   12-stage Binary Counter
logo
NXP Semiconductors
HEF4040B PHILIPS-HEF4040B Datasheet
42Kb / 5P
   12-stage binary counter
January 1995
logo
Hitachi Semiconductor
HD74LV4040A HITACHI-HD74LV4040A Datasheet
95Kb / 17P
   12-stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com