Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHC595M Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza 74VHC595M
Descripción Electrónicos  8-Bit Shift Register with Output Latches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC595M Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74VHC595M Datasheet HTML 1Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 2Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 3Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 4Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 5Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 6Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 7Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 8Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
AC Operating Requirements
Symbol
Parameter
VCC
(V)
TA = 25°CTA = −40°C to +85°C
Units
Typ
Guaranteed Minimum
tS
Minimum Setup Time
3.3
± 0.3
3.5
3.5
ns
(SER–SCK)
5.0
± 0.5
3.0
3.0
tS
Minimum Setup Time
3.3
± 0.3
8.0
8.5
ns
(SCK–RCK)
5.0
± 0.5
5.0
5.0
tS
Minimum Setup Time
3.3
± 0.3
8.0
9.0
ns
(SCLR –RCK)
5.0
± 0.5
5.0
5.0
tH
Minimum Hold Time
3.3
± 0.3
1.5
1.5
ns
(SER–SCK)
5.0
± 0.5
2.0
2.0
tH
Minimum Hold Time
3.3
± 0.3
0.0
0.0
ns
(SCK–RCK)
5.0
± 0.5
0.0
0.0
tH
Minimum Hold Time
3.3
± 0.3
0.0
0.0
ns
(SCLR –RCK)
5.0
± 0.5
0.0
0.0
tW(L)
Minimum Pulse Width
3.3
± 0.3
5.0
5.0
ns
(SCLR)
5.0
± 0.5
5.0
5.0
tW(L)
Minimum Pulse Width
3.3
± 0.3
5.0
5.0
ns
tW(H)
(SCK)
5.0
± 0.5
5.0
5.0
tW(L)
Minimum Pulse Width
3.3
± 0.3
5.0
5.0
ns
tW(H)
(RCK)
5.0
± 0.5
5.0
5.0
trem
Minimum Removal Time
3.3
± 0.3
3.0
3.0
ns
(SCLR –SCK)
5.0
± 0.5
2.5
2.5


Número de pieza similar - 74VHC595M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC595M FAIRCHILD-74VHC595M Datasheet
407Kb / 12P
   8-Bit Shift Register with Output Latches
logo
ON Semiconductor
74VHC595M ONSEMI-74VHC595M Datasheet
408Kb / 14P
   8-Bit Shift Register with Output Latches
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC595MTC FAIRCHILD-74VHC595MTC Datasheet
407Kb / 12P
   8-Bit Shift Register with Output Latches
logo
ON Semiconductor
74VHC595MTC ONSEMI-74VHC595MTC Datasheet
408Kb / 14P
   8-Bit Shift Register with Output Latches
May 2007 Rev. 1.2
More results

Descripción similar - 74VHC595M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC595 FAIRCHILD-74VHC595_07 Datasheet
407Kb / 12P
   8-Bit Shift Register with Output Latches
logo
ON Semiconductor
74VHC595 ONSEMI-74VHC595 Datasheet
408Kb / 14P
   8-Bit Shift Register with Output Latches
May 2007 Rev. 1.2
MM74HC595 ONSEMI-MM74HC595 Datasheet
662Kb / 16P
   8-Bit Shift Register with Output Latches
June 2009 Rev. 1.0.2
logo
STMicroelectronics
M54HC595 STMICROELECTRONICS-M54HC595 Datasheet
282Kb / 13P
   8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE
M74HC595 STMICROELECTRONICS-M74HC595_V01 Datasheet
579Kb / 22P
   8-bit shift register with output latches (3-state)
Rev 6 January 2014
M74HC595 STMICROELECTRONICS-M74HC595 Datasheet
627Kb / 16P
   8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
logo
NXP Semiconductors
74HC7597 PHILIPS-74HC7597 Datasheet
90Kb / 12P
   8-bit shift register with input latches
December 1990
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com