Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC847A Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza BC847A
Descripción Electrónicos  NPN General Purpose Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC847A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  BC847A Datasheet HTML 1Page - Fairchild Semiconductor BC847A Datasheet HTML 2Page - Fairchild Semiconductor BC847A Datasheet HTML 3Page - Fairchild Semiconductor BC847A Datasheet HTML 4Page - Fairchild Semiconductor BC847A Datasheet HTML 5Page - Fairchild Semiconductor BC847A Datasheet HTML 6Page - Fairchild Semiconductor BC847A Datasheet HTML 7Page - Fairchild Semiconductor BC847A Datasheet HTML 8Page - Fairchild Semiconductor BC847A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Contours of Constant Gain
Bandwidth Product (f )
0.1
1
10
100
1
2
3
5
7
10
I - COLLECTOR CURRENT (mA)
C
175 MHz
T
150 MHz
125 MHz
75 MHz
100 MHz
Typical Characteristics (continued)
Contours of Constant
Narrow Band Noise Figure
1
10
100
1,000
100
200
500
1,000
2,000
5,000
10,000
I
- COLLECTOR CURRENT (
A)
µ
C
V
= 5.0 V
f = 1.0 kHz
BANDWIDTH
= 200 Hz
CE
6.0 dB
3.0 dB
4.0 dB
8.0 dB
2.0 dB
Contours of Constant
Narrow Band Noise Figure
1
10
100
1,000
100
200
500
1,000
2,000
5,000
10,000
I
- COLLECTOR CURRENT (
A)
µ
C
V
= 5.0 V
f = 100 Hz
BANDWIDTH
= 20 Hz
CE
3.0 dB
4.0 dB
8.0 dB
10 dB
12 dB
14 dB
6.0 dB
Contours of Constant
Narrow Band Noise Figure
1
10
100
1000
100
200
500
1000
2000
5000
10000
I - COLLECTOR CURRENT ( A)
6.0 dB
3.0 dB
4.0 dB
8.0 dB
2.0 dB
1.0 dB
C
V
= 5.0V
f = 10kHz
BANDWIDTH
= 2.0kHz
CE
µ
Contours of Constant
Narrow Band Noise Figure
0.01
0.1
1
10
100
200
500
1000
2000
5000
10000
I - COLLECTOR CURRENT ( A)
7.0 dB
3.0 dB
4.0 dB
8.0 dB
2.0 dB
5.0
dB
C
V
=
5.0V
CE
µ
f = 1.0 MHz
BANDWIDTH
= 200kHz
6.0
dB
Noise Figure vs Frequency
0.0001
0.001
0.01
0.1
1
10
100
0
2
4
6
8
10
f - FREQUENCY (MHz)
V
= 5.0V
CE
I
= 200
µA,
R
= 10 k
C
S
I
= 1.0 mA,
R
= 500
C
S
I
= 100
µA,
R
= 10 k
C
S
I = 1.0 mA,
R = 5.0 k
C
S
NPN General Purpose Amplifier
(continued)


Número de pieza similar - BC847A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
BC847A KEXIN-BC847A Datasheet
1Mb / 3P
   NPN Transistors
logo
ON Semiconductor
BC847A ONSEMI-BC847A Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
logo
Weitron Technology
BC847A WEITRON-BC847A Datasheet
277Kb / 5P
   General Purpose Transistor NPN Silicon
logo
Diotec Semiconductor
BC847A DIOTEC-BC847A Datasheet
144Kb / 2P
   SMD General Purpose NPN Transistors
logo
Diodes Incorporated
BC847A DIODES-BC847A Datasheet
452Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 22 - 2
More results

Descripción similar - BC847A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com