Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD135 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza BD135
Descripción Electrónicos  Medium Power Linear and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD135 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BD135 Datasheet HTML 1Page - Fairchild Semiconductor BD135 Datasheet HTML 2Page - Fairchild Semiconductor BD135 Datasheet HTML 3Page - Fairchild Semiconductor BD135 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Collector-Emitter Saturation Voltage
Figure 3. Base-Emitter Voltage
Figure 4. Safe Operating Area
Figure 5. Power Derating
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
VCE = 2V
IC[mA], COLLECTOR CURRENT
1E-3
0.01
0.1
1
10
0
50
100
150
200
250
300
350
400
450
500
IC[A], COLLECTOR CURRENT
1E-3
0.01
0.1
1
10
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VBE
(on)
VCE
=
5V
VBE
(sat
)
IC =
10
IB
IC[A], COLLECTOR CURRENT
1
10
100
0.01
0.1
1
10
10us
100us
IC MAX. (Pulsed)
IC MAX. (Continuous)
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
TC[
o
C], CASE TEMPERATURE


Número de pieza similar - BD135

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BD135 MOTOROLA-BD135 Datasheet
100Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
Inchange Semiconductor ...
BD135 ISC-BD135 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
logo
Jiangsu Changjiang Elec...
BD135 JIANGSU-BD135 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BD135 PHILIPS-BD135 Datasheet
44Kb / 8P
   NPN power transistors
1999 Apr 12
logo
Central Semiconductor C...
BD135 CENTRAL-BD135 Datasheet
235Kb / 2P
   NPN SILICON TRANSISTOR
More results

Descripción similar - BD135

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
   Medium Power Linear and Switching Applications
logo
Fairchild Semiconductor
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
   Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com