Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD235 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza BD235
Descripción Electrónicos  Medium Power Linear and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD235 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BD235 Datasheet HTML 1Page - Fairchild Semiconductor BD235 Datasheet HTML 2Page - Fairchild Semiconductor BD235 Datasheet HTML 3Page - Fairchild Semiconductor BD235 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW=300
µs, duty Cycle=1.5% Pulsed
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BD233
: BD235
: BD237
45
60
100
V
V
V
VCEO
Collector-Emitter Voltage
: BD233
: BD235
: BD237
45
60
80
V
V
V
VCER
Collector-Emitter Voltage
: BD233
: BD235
: BD237
45
60
100
V
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
2
A
ICP
*Collector Current (Pulse)
6
A
PC
Collector Dissipation (TC=25°C)
25
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
* Collector-Emitter Sustaining Voltage
: BD233
: BD235
: BD237
IC = 100mA, IB = 0
45
60
80
V
V
V
ICBO
Collector Cut-off Current
: BD233
: BD235
: BD237
VCB = 45V, IE = 0
VCB = 60V, IE = 0
VCB = 100V, IE = 0
100
100
100
µA
µA
µA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
1
mA
hFE
* DC Current Gain
VCE = 2V, IC = 150mA
VCE = 2V, IC = 1A
40
25
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = 1A, IB = 0.1A
0.6
V
VBE(on)
* Base-Emitter ON Voltage
VCE = 2V, IC = 1A
1.3
V
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 250mA
3
MHz
BD233/235/237
Medium Power Linear and Switching
Applications
• Complement to BD 234/236/238 respectively
1
TO-126
1. Emitter
2.Collector
3.Base


Número de pieza similar - BD235

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Continental Device Indi...
BD235 CDIL-BD235 Datasheet
492Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
BD235 ETC1-BD235 Datasheet
1Mb / 2P
   TO-126 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BD235 MCC-BD235 Datasheet
283Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
Weitron Technology
BD235 WEITRON-BD235 Datasheet
180Kb / 3P
   NPN Epitaxial Planar Transistors
More results

Descripción similar - BD235

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
   Medium Power Linear and Switching Applications
logo
Fairchild Semiconductor
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
   Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com