Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD433 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza BD433
Descripción Electrónicos  Medium Power Linear and Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD433 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  BD433 Datasheet HTML 1Page - Fairchild Semiconductor BD433 Datasheet HTML 2Page - Fairchild Semiconductor BD433 Datasheet HTML 3Page - Fairchild Semiconductor BD433 Datasheet HTML 4Page - Fairchild Semiconductor BD433 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW=300
µs, duty Cycle=1.5% Pulsed
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
: BD433
: BD435
: BD437
IC = 100mA, IB = 0
22
32
45
V
V
V
ICBO
Collector Cut-off Current
: BD433
: BD435
: BD437
VCB = 22V, IE = 0
VCB = 32V, IE = 0
VCB = 45V, IE = 0
100
100
100
µA
µA
µA
ICEO
Collector Cut-off Current
: BD433
: BD435
: BD437
VCE = 22V, VBE = 0
VCE = 32V, VBE = 0
VCE = 45V, VBE = 0
100
100
100
µA
µA
µA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
1
mA
hFE
* DC Current Gain
: BD433/435
: BD437
: ALL DEVICE
: BD433/435
: BD437
VCE = 5V, IC = 10mA
VCE = 1V, IC = 500mA
VCE = 1V, IC = 2A
40
30
85
50
40
130
130
140
VCE(sat)
* Collector-Emitter Saturation Voltage
: BD433
: BD435
: BD437
IC = 2A, IB = 0.2A
0.2
0.2
0.2
0.5
0.5
0.6
V
V
V
VBE(on)
* Base-Emitter ON Voltage
: BD433
: BD435
: BD437
VCE = 1V, IC = 2A
1.1
1.1
1.2
V
V
V
fT
Current Gain Bandwidth Product
VCE = 1V, IC = 250mA
3
MHz


Número de pieza similar - BD433

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BD433 STMICROELECTRONICS-BD433 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD433 SAVANTIC-BD433 Datasheet
103Kb / 3P
   Silicon NPN Power Transistors
logo
Siemens Semiconductor G...
BD433 SIEMENS-BD433 Datasheet
180Kb / 5P
   NPN SILICON EPIBASE TRANSISTORS
logo
Continental Device Indi...
BD433 CDIL-BD433 Datasheet
136Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BD433 SIEMENS-BD433 Datasheet
183Kb / 5P
   PNP SILICON EPIBASE TRANSISTORS
More results

Descripción similar - BD433

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
   Medium Power Linear and Switching Applications
logo
Fairchild Semiconductor
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
   Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com