Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BDW94C Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza BDW94C
Descripción Electrónicos  Power Linear and Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDW94C Datasheet(HTML) 3 Page - Fairchild Semiconductor

  BDW94C Datasheet HTML 1Page - Fairchild Semiconductor BDW94C Datasheet HTML 2Page - Fairchild Semiconductor BDW94C Datasheet HTML 3Page - Fairchild Semiconductor BDW94C Datasheet HTML 4Page - Fairchild Semiconductor BDW94C Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. DC Current Gain
Figure 2. Collector-Emitter Saturation Voltage
Figure 3. Base-Emitter On Voltage
Figure 4. Output Capacitance
Figure 5. Safe Operating Area
Figure 6. Power Derating
-0.1
-1
-10
-100
100
1k
10k
100k
V
CE = -3V
I
C [A], COLLECTOR CURRENT
-0.1
-1
-10
-100
-0.1
-1
-10
I
C= 250 IB
I
C [A], COLLECTOR CURRENT
-0.0
-0.8
-1.6
-2.4
-3.2
-4.0
-0
-4
-8
-12
-16
-20
V
CE= -3V
V
BE [V], BASE-EMITTER VOLTAGE
-1
-10
-100
10
100
1000
f=1MHz
I
E=0
V
CB [V], COLLECTOR-BASE VOLTAGE
-1
-10
-100
-1000
-0.1
-1
-10
-100
BDW94C
BDW94B
BDW94A
BDW94
DC
I
C MAX.
5 ms 1 ms
100uS
V
CE [V], COLLECTOR EMITTER VOLTAGE
0
50
100
150
200
250
0
20
40
60
80
100
120
Tc [
o
C], CASE TEMPERATURE


Número de pieza similar - BDW94C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
BDW94C MOSPEC-BDW94C Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
JILIN SINO-MICROELECTRO...
BDW94C JSMC-BDW94C Datasheet
227Kb / 5P
   High frequency switching power supply
logo
Power Innovations Ltd
BDW94C POINN-BDW94C Datasheet
152Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDW94C NJSEMI-BDW94C Datasheet
137Kb / 2P
   Silicon PNP Power Transistor
logo
STMicroelectronics
BDW94C STMICROELECTRONICS-BDW94C Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results

Descripción similar - BDW94C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
BDX33 FAIRCHILD-BDX33 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
BDX34 FAIRCHILD-BDX34 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
logo
Comset Semiconductor
BD912 COMSET-BD912 Datasheet
101Kb / 3P
   POWER LINEAR AND SWITCHING APPLICATIONS
2N3055 COMSET-2N3055 Datasheet
146Kb / 2P
   POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com