Nombre de pieza
         Descripción
CD40192BC

 Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter ( 7 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 6 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
Package Number M16A
1  2  3  4  5  6  7 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
HD74HC668Synchronous UP/Down Decade 4-bit binary Counter 1 2 3 4 5 MoreHitachi Semiconductor
MM74C192Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter 1 2 3 4 5 MoreFairchild Semiconductor
HEF40160B4-bit synchronous decade counter with asynchronous reset 1 2 3 4 5 MoreNXP Semiconductors
SN54ALS161BSYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments
CD54AC193Presettable Synchronous 4-Bit Binary Up/Down Counter with Reset 1 Intersil Corporation
74AC11160SYNCHRONOUS 4-BIT DECADE COUNTER 1 2 3 4 5 MoreTexas Instruments
SN74F168SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER 1 2 3 4 5 MoreTexas Instruments
MM54C904-Bit Decade Binary Counter 1 2 3 4 5 MoreNational Semiconductor
HEF40161B4-bit synchronous binary counter with asynchronous reset 1 2 3 4 5 MoreNXP Semiconductors
DM74LS169ASynchronous 4-Bit Up/Down Binary Counter 1 2 3 4 5 MoreFairchild Semiconductor