Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM231B Datasheet(PDF) 11 Page - Samsung semiconductor

No. de pieza LM231B
Descripción Electrónicos  2323 Middle Power LED
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

LM231B Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button LM231B Datasheet HTML 7Page - Samsung semiconductor LM231B Datasheet HTML 8Page - Samsung semiconductor LM231B Datasheet HTML 9Page - Samsung semiconductor LM231B Datasheet HTML 10Page - Samsung semiconductor LM231B Datasheet HTML 11Page - Samsung semiconductor LM231B Datasheet HTML 12Page - Samsung semiconductor LM231B Datasheet HTML 13Page - Samsung semiconductor LM231B Datasheet HTML 14Page - Samsung semiconductor LM231B Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
http://www.samsungled.com
11 / 49
2. Luminous Flux Characteristics (Ts = 25
℃)
Nominal
CCT
Minimum
CRI
If(mA)
Vf(V)
Power(W)
Flux(lm)
lm/W
5000K
80
50
2.85
0.14
18.7
131
60
2.88
0.17
22.3
129
65
2.91
0.19
24.0
127
70
2.94
0.21
25.7
125
80
2.97
0.24
28.8
121
90
3.00
0.27
31.7
117
100
3.03
0.30
34.8
115
150
3.14
0.47
48.0
102
5700K
80
50
2.85
0.14
18.2
127
60
2.88
0.17
21.7
125
65
2.91
0.19
23.3
123
70
2.94
0.21
24.9
121
80
2.97
0.24
28.0
118
90
3.00
0.27
30.8
114
100
3.03
0.30
33.8
112
150
3.14
0.47
46.6
99
6500K
80
50
2.85
0.14
17.9
126
60
2.88
0.17
21.4
124
65
2.91
0.19
23.0
122
70
2.94
0.21
24.6
120
80
2.97
0.24
27.6
116
90
3.00
0.27
30.4
113
100
3.03
0.30
33.4
110
150
3.14
0.47
46.0
98
Notes:
Luminous Flux(Φv, lm) values are for representative reference only


Número de pieza similar - LM231B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM231 NSC-LM231 Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231 TI1-LM231 Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
National Semiconductor ...
LM231 NSC-LM231 Datasheet
368Kb / 15P
   Precision Voltage-to-Frequency Converters
logo
Seoul Semiconductor
LM231 SEOUL-LM231 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM231 SEOUL-LM231 Datasheet
360Kb / 13P
   CYAN LAMP LED
More results

Descripción similar - LM231B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lite-On Technology Corp...
LTW-3030AZL57 LITEON-LTW-3030AZL57 Datasheet
1Mb / 28P
   LED Middle POWER
LTW-5630AZL40 LITEON-LTW-5630AZL40 Datasheet
1Mb / 28P
   LED Middle POWER
logo
Everlight Electronics C...
EAPL2835YA1 EVERLIGHT-EAPL2835YA1 Datasheet
845Kb / 10P
   Middle Power LED
logo
Lite-On Technology Corp...
LTW-5630AZG27 LITEON-LTW-5630AZG27 Datasheet
663Kb / 28P
   LED Middle POWER
LTW-3030AQL27 LITEON-LTW-3030AQL27 Datasheet
1Mb / 30P
   LED Middle POWER
LTW-5630AZL27 LITEON-LTW-5630AZL27 Datasheet
1Mb / 28P
   LED Middle POWER
logo
Everlight Electronics C...
EAHP2835BA2 EVERLIGHT-EAHP2835BA2 Datasheet
514Kb / 10P
   Middle Power LED
logo
Lite-On Technology Corp...
LTW-3030AZL40 LITEON-LTW-3030AZL40 Datasheet
1Mb / 28P
   LED Middle POWER
LTW-5630AZL35 LITEON-LTW-5630AZL35 Datasheet
1Mb / 28P
   LED Middle POWER
logo
Everlight Electronics C...
EAPL2835BA3 EVERLIGHT-EAPL2835BA3 Datasheet
711Kb / 10P
   Middle Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com