Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4093BCN Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza CD4093BCN
Descripción Electrónicos  Quad 2-Input NAND Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4093BCN Datasheet(HTML) 2 Page - Fairchild Semiconductor

  CD4093BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 6Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 7Page - Fairchild Semiconductor CD4093BCN Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed; they are not meant to imply that
the devices should be operated at these limits. The table of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provides
conditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 2)
Note 3: IOH and IOL are tested one output at a time.
DC Supply Voltage (VDD)
−0.5 to +18 V
DC
Input Voltage (VIN)
−0.5 to V
DD +0.5 VDC
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)
3 to 15 VDC
Input Voltage (VIN)0 to VDD VDC
Operating Temperature Range (TA)
−40°C to +85°C
Symbol
Parameter
Conditions
−40°C
+25°C
+85°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD = 5V
1.0
1.0
7.5
µA
Current
VDD = 10V
2.0
2.0
15.0
µA
VDD = 15V
4.0
4.0
30.0
µA
VOL
LOW Level
VIN = VDD, |IO| < 1 µA
Output Voltage
VDD = 5V
0.05
0
0.05
0.05
V
VDD = 10V
0.05
0
0.05
0.05
V
VDD = 15V
0.05
0
0.05
0.05
V
VOH
HIGH Level
VIN = VSS, |IO| < 1 µA
Output Voltage
VDD = 5V
4.95
4.95
5
4.95
V
VDD = 10V
9.95
9.95
10
9.95
V
VDD = 15V
14.95
14.95
15
14.95
V
VT
Negative-Going Threshold
|IO| < 1 µA
Voltage (Any Input)
VDD = 5V, VO = 4.5V
1.3
2.25
1.5
1.8
2.25
1.5
2.3
V
VDD = 10V, VO = 9V
2.85
4.5
3.0
4.1
4.5
3.0
4.65
V
VDD = 15V, VO = 13.5V
4.35
6.75
4.5
6.3
6.75
4.5
6.9
V
VT+
Positive-Going Threshold
|IO| < 1 µA
Voltage (Any Input)
VDD = 5V, VO = 0.5V
2.75
3.6
2.75
3.3
3.5
2.65
3.5
V
VDD = 10V, VO = 1V
5.5
7.15
5.5
6.2
7.0
5.35
7.0
V
VDD = 15V, VO = 1.5V
8.25
10.65
8.25
9.0
10.5
8.1
10.5
V
VH
Hysteresis (VT+ − VT−)VDD = 5V
0.5
2.35
0.5
1.5
2.0
0.35
2.0
V
(Any Input)
VDD = 10V
1.0
4.3
1.0
2.2
4.0
0.70
4.0
V
VDD = 15V
1.5
6.3
1.5
2.7
6.0
1.20
6.0
V
IOL
LOW Level Output
VIN = VDD
Current (Note 3)
VDD = 5V, VO = 0.4V
0.52
0.44
0.88
0.36
mA
VDD = 10V, VO = 0.5V
1.3
1.1
2.25
0.9
mA
VDD = 15V, VO = 1.5V
3.6
3.0
8.8
2.4
mA
IOH
HIGH Level Output
VIN = VSS
Current (Note 3)
VDD = 5V, VO = 4.6V
−0.52
0.44
−0.88
−0.36
mA
VDD = 10V, VO = 9.5V
−1.3
−1.1
−2.25
−0.9
mA
VDD = 15V, VO = 13.5V
−3.6
−3.0
−8.8
−2.4
mA
IIN
Input Current
VDD = 15V, VIN = 0V
−0.3
−10−5
−0.3
−1.0
µA
VDD = 15V, VIN = 15V
0.3
10−5
0.3
1.0
µA


Número de pieza similar - CD4093BCN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
CD4093BCN NSC-CD4093BCN Datasheet
157Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
logo
Fairchild Semiconductor
CD4093BCN FAIRCHILD-CD4093BCN Datasheet
91Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
logo
List of Unclassifed Man...
CD4093BCN ETC2-CD4093BCN Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Descripción similar - CD4093BCN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com