Nombre de pieza
         Descripción
DM7404

 Hex Inverting Gates ( 4 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 2 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time.
Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
16
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −12 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.4
3.4
V
Output Voltage
VIL = Max
VOL
LOW Level
VCC = Min, IOL = Max
0.2
0.4
V
Output Voltage
VIH = Min
II
Input Current @ Max Input Voltage
VCC = Max, VI = 5.5V
1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.4V
40
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−1.6
mA
IOS
Short Circuit Output Current
VCC = Max (Note 3)
−18
−55
mA
ICCH
Supply Current with Outputs HIGH
VCC = Max
6
12
mA
ICCL
Supply Current with Outputs LOW
VCC = Max
18
33
mA
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
CL = 15 pF
22
ns
LOW-to-HIGH Level Output
RL = 400Ω
tPHL
Propagation Delay Time
15
ns
HIGH-to-LOW Level Output
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
54LS04Hex Inverting Gates 1 2 3 4 5 MoreNational Semiconductor
DM54S04HEX INVERTING GATES 1 2 National Semiconductor
5404Hex Inverting Gates 1 2 3 4 5 MoreNational Semiconductor
DM74LS04Hex Inverting Gates 1 2 3 4 5 Fairchild Semiconductor
DM74S04Hex Inverting Gates 1 2 3 4 Fairchild Semiconductor
DM5406Hex Inverting Buffers with High Voltage Open-Collector Outputs 1 2 3 4 National Semiconductor
CD74HC4049High-Speed CMOS Logic Hex Buffers Inverting and Non-Inverting 1 2 3 4 5 Texas Instruments
SN54AS1004AHEX INVERTING DRIVERS 1 2 3 4 5 MoreTexas Instruments
DM7406Hex Inverting Buffers with High Voltage Open-Collector Outputs 1 2 3 4 Fairchild Semiconductor
DM74AS1004AHex Inverting Driver 1 2 3 4 Fairchild Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl