Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB2010 Datasheet(PDF) 7 Page - Leshan Radio Company

No. de pieza SB2010
Descripción Electrónicos  Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB2010 Datasheet(HTML) 7 Page - Leshan Radio Company

  SB2010 Datasheet HTML 1Page - Leshan Radio Company SB2010 Datasheet HTML 2Page - Leshan Radio Company SB2010 Datasheet HTML 3Page - Leshan Radio Company SB2010 Datasheet HTML 4Page - Leshan Radio Company SB2010 Datasheet HTML 5Page - Leshan Radio Company SB2010 Datasheet HTML 6Page - Leshan Radio Company SB2010 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
4. Update Record
版次
1
2
SB202 thru SB2010
更新记录
更新作者
更新日期
第一版
周杰
2010-3-3
2011-9-23
增加包装规范
周杰


Número de pieza similar - SB2010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SB2010 MCC-SB2010 Datasheet
205Kb / 3P
   2 Amp Schottky Barrier Rectifier 80 to 100 Volts
SB2010 MCC-SB2010 Datasheet
219Kb / 3P
   2 Amp Schottky Barrier Rectifier 80 to 100 Volts
logo
Leshan Radio Company
SB2010-E LRC-SB2010-E Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
logo
Gulf Semiconductor
SB20100 GULFSEMI-SB20100 Datasheet
123Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
logo
Leshan Radio Company
SB20100 LRC-SB20100 Datasheet
85Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 20A
More results

Descripción similar - SB2010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
SB202-E LRC-SB202-E Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
SB820-HE LRC-SB820-HE Datasheet
110Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current8.0A
SB302-E LRC-SB302-E Datasheet
207Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current3.0A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
logo
Leshan Radio Company
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB120-E LRC-SB120-E Datasheet
181Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
logo
Hi-Sincerity Mocroelect...
HSR220 HSMC-HSR220 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 2A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com