Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB1545 Datasheet(PDF) 4 Page - Leshan Radio Company

No. de pieza SB1545
Descripción Electrónicos  Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB1545 Datasheet(HTML) 4 Page - Leshan Radio Company

  SB1545 Datasheet HTML 1Page - Leshan Radio Company SB1545 Datasheet HTML 2Page - Leshan Radio Company SB1545 Datasheet HTML 3Page - Leshan Radio Company SB1545 Datasheet HTML 4Page - Leshan Radio Company SB1545 Datasheet HTML 5Page - Leshan Radio Company SB1545 Datasheet HTML 6Page - Leshan Radio Company SB1545 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
标题:
1.1. 弹带盒规格 ammo spec.
单位:
mm
L
WH
T52
262±2
76±2
90±2
1.2 弹带内盒要求 inner box spec.
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
1 弹带盒装 ammo and box
1
LRC标签
label
ROHS标签
label


Número de pieza similar - SB1545

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semikron International
SB1545 SEMIKRON-SB1545 Datasheet
161Kb / 3P
   Schottky barrier rectifier diodes
logo
Sirectifier Global Corp...
SB1545 SIRECT-SB1545 Datasheet
184Kb / 3P
   Power Schottky Rectifier - 15Amp 45~200Volt
logo
First Silicon Co., Ltd
SB1545 FS-SB1545 Datasheet
307Kb / 2P
   45V 15 Amp Shottky Barrier Rectifier
logo
Gulf Semiconductor
SB1545CT GULFSEMI-SB1545CT Datasheet
122Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 15.0A
SB1545FCT GULFSEMI-SB1545FCT Datasheet
129Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 150A
More results

Descripción similar - SB1545

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
SB2020 LRC-SB2020 Datasheet
85Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 20A
SB1220 LRC-SB1220 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 12A
SB1020 LRC-SB1020 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
CSM5100LA LRC-CSM5100LA Datasheet
433Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
Rev.A Apr. 2021
LMBR20S100SN56 LRC-LMBR20S100SN56 Datasheet
474Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 20A
Rev.A Oct. 2022
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
logo
Leshan Radio Company
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com