Nombre de pieza
         Descripción
DM74ALS1035

 Hex Non-Inverting Driver with Open Collector Outputs ( 4 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 2 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics
over recommended operating free air temperature range
Supply Voltage
7V
Input Voltage
7V
OFF-State Output Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
76.0
°C/W
M Package
106.5
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
VOH
HIGH Level Output Voltage
5.5
V
IOL
LOW Level Output Current
24
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.5
V
IOH
HIGH Level Output Current
VCC = 4.5V, VOH = 5.5V
100
µA
VOL
LOW Level
VCC = 4.5V
IOL = 12 mA
0.25
0.4
V
Output Voltage
IOL = 24 mA
0.35
0.5
V
II
Input Current @ Maximum Input Voltage VCC = 5.5V, VIH = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
−0.1
mA
ICC
Supply Current
VCC = 5.5V
Outputs HIGH
3
6
mA
Outputs LOW
8
14
mA
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
530
ns
LOW-to-HIGH Level Output
RL = 680Ω
tPHL
Propagation Delay Time
CL = 50 pF
212
ns
HIGH-to-LOW Level Output
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
DM74ALS1005Hex Inverting Driver with Open Collector Outputs 1 2 3 4 Fairchild Semiconductor
DM74ALS05AHex Inverter with Open Collector Outputs 1 2 3 4 Fairchild Semiconductor
DV74ALS1005Hex Inverting Drivers with Open Collector Outputs 1 2 List of Unclassifed Manufacturers
74F30244Octal 30ohm line driver with enable non-inverting open collector 1 2 3 4 5 MoreNXP Semiconductors
ACS05MSRadiation Hardened Hex Inverter with Open Drain Outputs 1 2 Intersil Corporation
SCAN18541TNon-Inverting Line Driver with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor
MNSCAN18541T-XSERIALLY CONTROLLED ACCESS NETWORK NON-INVERTING LINE DRIVER WITH TRI-STATE OUTPUTS 1 2 3 4 5 MoreNational Semiconductor
DM74ALS03BQuad 2-Input NAND Gate with Open Collector Outputs 1 2 3 4 Fairchild Semiconductor
54AC05Hex Inverter with Open Drain Outputs 1 2 3 4 5 MoreNational Semiconductor
74LCX06Low Voltage Hex Inverter/Buffer with Open Drain Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl