Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8075ARUZ Datasheet(PDF) 2 Page - Analog Devices

No. de pieza AD8075ARUZ
Descripción Electrónicos  500 MHz, G = 1 and 2 Triple Video Buffers with Disable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8075ARUZ Datasheet(HTML) 2 Page - Analog Devices

  AD8075ARUZ Datasheet HTML 1Page - Analog Devices AD8075ARUZ Datasheet HTML 2Page - Analog Devices AD8075ARUZ Datasheet HTML 3Page - Analog Devices AD8075ARUZ Datasheet HTML 4Page - Analog Devices AD8075ARUZ Datasheet HTML 5Page - Analog Devices AD8075ARUZ Datasheet HTML 6Page - Analog Devices AD8075ARUZ Datasheet HTML 7Page - Analog Devices AD8075ARUZ Datasheet HTML 8Page - Analog Devices AD8075ARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
–2–
AD8074/AD8075–SPECIFICATIONS (T
A = 25 C, VS =
5 V, unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth (Small Signal)
VIN = 200 mV p-p, CL = 5 pF
330/310
600/550
MHz
VIN = 200 mV p-p, RL = 150
250/230
400/400
MHz
–3 dB Bandwidth (Large Signal)
VIN = 2 V p-p, CL = 5 pF
330/300
500/500
MHz
VIN = 2 V p-p, RL = 150
250/230
350/350
MHz
0.1 dB Bandwidth
VIN = 200 mV p-p, CL = 5 pF
70/65
MHz
VIN = 200 mV p-p, RL = 150
70/65
MHz
Slew Rate
2 V Step, RL = 1 k
Ω/150 Ω
1600/1350
V/
µs
Settling Time to 0.1%
2 V Step, RL = 1 k
Ω/150 Ω
4/7.5
ns
NOISE/DISTORTION PERFORMANCE
Differential Gain
V = 3.58 MHz, 150
0.01
%
Differential Phase
V = 3.58 MHz, 150
0.01
Degrees
All Hostile Crosstalk
V = 10 MHz, RL = 1 k
–80/–74
dB
V = 100 MHz, RL = 1 k
–50/–44
dB
OFF Isolation
V = 10 MHz, RL = 150
90
dB
Voltage Noise
V = 10 kHz to 100 MHz
19.5/22
nV/
√Hz
DC PERFORMANCE
Voltage Gain Error
No Load
±0.1/±0.2 ±0.15/±0.65 %
Input Offset Voltage
2.5
27/40
mV
TMIN to TMAX
3mV
Input Offset Drift
10
µV/°C
Input Bias Current
5
9.5/10
µA
INPUT CHARACTERISTICS
Input Resistance
10
M
Input Capacitance
Channel Enabled
1.5
pF
Channel Disabled
1.5
pF
Input Voltage Range
±2.8/±1.4
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 1 k
+VS – 1.95
+VS – 1.8
V
–VS + 2.1
–VS + 1.8
V
RL = 150
+VS – 2.35
+VS – 2.2
V
–VS + 2.30
–VS + 2.2
V
Short Circuit Current (Protected)
70
mA
Output Resistance
Enabled
0.5
Disabled
3.5
7.5
M
Output Capacitance
Disabled
2.2
pF
POWER SUPPLY
Operating Range
±4.5
±5.5
V
Power Supply Rejection Ratio
+PSRR: +VS = +4.5 V to +5.5 V, –VS = –5 V
60
74
dB
–PSRR: –VS = –4.5 V to –5.5 V, +VS = +5 V
56
64
dB
Quiescent Current
All Channels “ON”
21.5/24
30
mA
All Channels “OFF”
3/4
5.5
mA
TMIN to TMAX
23/26
mA
DIGITAL INPUT
Logic “1” Voltage
OE Input
2.0
V
Logic “0” Voltage
OE Input
0.8
V
Logic “1” Input Current
OE = 4 V
100
nA
Logic “0” Input Current
OE = 0.4 V
1
µA
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (Still Air)
–40
+85
°C
θ
JA
Operating (Still Air)
150.4
°C/W
θ
JC
Operating
27.6
°C/W
Specifications subject to change without notice.
Rev. B


Número de pieza similar - AD8075ARUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8075ARUZ AD-AD8075ARUZ Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
AD8075ARUZ-REEL AD-AD8075ARUZ-REEL Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
AD8075ARUZ-REEL7 AD-AD8075ARUZ-REEL7 Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
More results

Descripción similar - AD8075ARUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8074 AD-AD8074 Datasheet
306Kb / 16P
   500 MHz, G = -1 and 2 Triple Video Buffers with Disable
REV. A
AD8074Z-EVAL AD-AD8074Z-EVAL Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
AD8075 AD-AD8075_15 Datasheet
755Kb / 15P
   Video Buffers with Disable
REV. B
AD8074 AD-AD8074_15 Datasheet
755Kb / 15P
   Video Buffers with Disable
Rev. B
logo
Elantec Semiconductor
EL4393C ELANTEC-EL4393C Datasheet
270Kb / 12P
   Triple 80 MHz Video Amplifier w/Disable
logo
Intersil Corporation
EL4393 INTERSIL-EL4393 Datasheet
393Kb / 9P
   Triple 80MHz Video Amplifier w/Disable
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com