Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM74ALS169 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza DM74ALS169
Descripción Electrónicos  Synchronous Four-Bit Up/Down Counters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS169 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS169 Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS169 Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS169 Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS169 Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS169 Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS169 Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS169 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006207
www.fairchildsemi.com
April 1984
Revised April 2000
DM74ALS169B
Synchronous Four-Bit Up/Down Counters
General Description
These synchronous presettable counters feature an inter-
nal carry look ahead for cascading in high speed counting
applications. The DM74ALS169B is a four-bit binary up/
down counter. The carry output is decoded to prevent
spikes during normal mode of counting operation. Synchro-
nous operation is provided so that outputs change coinci-
dent with each other when so instructed by count enable
inputs and internal gating. This mode of operation elimi-
nates the output counting spikes which are normally asso-
ciated with asynchronous (ripple clock) counters. A
buffered clock input triggers the four flip-flops on the rising
(positive going) edge of clock input waveform.
These counters are fully programmable; that is, the outputs
may each be preset either HIGH or LOW. The load input
circuitry allows loading with carry-enable output of cas-
caded counters. As loading is synchronous, setting up a
low level at the load input disables the counter and causes
the outputs to agree with the data inputs after the next
clock pulse.
The carry look-ahead circuitry permits cascading counters
for n-bit synchronous applications without additional gating.
Both count enable inputs (P and T) must be LOW to count.
The direction of the count is determined by the level of the
up/down input. When the input is HIGH, the counter counts
UP; when LOW, it counts DOWN. Input T is fed forward to
enable the carry outputs. The carry output thus enabled will
produce a low level output pulse with a duration approxi-
mately equal to the high portion of the QA output when
counting UP, and approximately equal to the low portion of
the QA when counting DOWN. This low level overflow carry
pulse can be used to enable successively cascaded
stages. Transitions at the enable P or T inputs are allowed
regardless of the level of the clock input.
The control functions for these counters are fully synchro-
nous. Changes at control inputs (enable P, enable T, load,
up/down) which modify the operating mode have no effect
until clocking occurs. The function of the counter (whether
enabled, disabled, loading or counting) will be dictated
solely by the conditions meeting the stable setup and hold
times.
Features
s Switching specifications at 50 pF
s Switching specifications guaranteed over full tempera-
ture and VCC range
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
s Functionally and pin-for-pin compatible with Schottky
and low power Schottky TTL counterpart
s Improved AC performance over Schottky and low power
Schottky counterparts
s Synchronously programmable
s Internal look ahead for fast counting
s Carry output for n-bit cascading
s Synchronous counting
s ESD inputs
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Description
DM74ALS169BM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74ALS169BN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Número de pieza similar - DM74ALS169

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74ALS161B FAIRCHILD-DM74ALS161B Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
DM74ALS161BM FAIRCHILD-DM74ALS161BM Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
DM74ALS161BN FAIRCHILD-DM74ALS161BN Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
DM74ALS162BM FAIRCHILD-DM74ALS162BM Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
DM74ALS162BN FAIRCHILD-DM74ALS162BN Datasheet
92Kb / 9P
   Synchronous Four-Bit Counter
More results

Descripción similar - DM74ALS169

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
SN54AS867 TI-SN54AS867_07 Datasheet
636Kb / 27P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SN54AS867 TI-SN54AS867 Datasheet
287Kb / 17P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M54HC190 STMICROELECTRONICS-M54HC190 Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
logo
Texas Instruments
SN54192 TI1-SN54192_15 Datasheet
1Mb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
SN54AS867 TI-SN54AS867_06 Datasheet
482Kb / 24P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M74HC190 STMICROELECTRONICS-M74HC190_01 Datasheet
555Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
M74HC191 STMICROELECTRONICS-M74HC191_01 Datasheet
566Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
logo
National Semiconductor ...
MM54HC192 NSC-MM54HC192 Datasheet
180Kb / 8P
   Synchronous Decade Up/Down Counters Synchronous Binary Up/Down Counters
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
   Synchronous 4-Bit Up-Down Binary Counters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com