Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-7720 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-7720
Descripción Electrónicos  40 ns Propagation Delay, CMOS Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7720 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-7720 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7720 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
All Avago data sheets report the creepage and clearance
inherent to the optocoupler component itself. These
dimensions are needed as a starting point for the equip-
ment designer when determining the circuit insulation
requirements. However, once mounted on a printed
circuit board, minimum creepage and clearance require-
ments must be met as specified for individual equipment
standards. For creepage, the shortest distance path along
Insulation and Safety Related Specifications
Value
Parameter
Symbol
772X
072X
Units
Conditions
Minimum External Air
L(I01)
7.1
4.9
mm
Measured from input terminals to output
Gap (Clearance)
terminals, shortest distance through air.
Minimum External
L(I02)
7.4
4.8
mm
Measured from input terminals to output
Tracking (Creepage)
terminals, shortest distance path along body.
Minimum Internal Plastic
0.08
0.08
mm
Insulation thickness between emitter and
Gap (Internal Clearance)
detector; also known as distance through
insulation.
Tracking Resistance
CTI
≥175
≥175
Volts
DIN IEC 112/VDE 0303 Part 1
(Comparative Tracking
Index)
Isolation Group
IIIa
IIIa
Material Group
(DIN VDE 0110, 1/89, Table 1)
the surface of a printed circuit board between the solder
fillets of the input and output leads must be considered.
There are recommended techniques such as grooves
and ribs which may be used on a printed circuit board to
achieve desired creepage and clearances. Creepage and
clearance distances will also change depending on fac-
tors such as pollution degree and insulation level.
Regulatory Information
The HCPL-772X/072X have been approved by the following organizations:
UL
Recognized under UL 1577, component recognition program, File E55361.
CSA
Approved under CSA Component Acceptance Notice #5, File CA88324.
IEC/EN/DIN EN 60747-5-5
Solder Reflow Thermal Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non-
Halide Flux should be used.


Número de pieza similar - HCPL-7720

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Broadcom Corporation.
HCPL-7720 BOARDCOM-HCPL-7720 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
HCPL-7720 BOARDCOM-HCPL-7720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7720-000E AVAGO-HCPL-7720-000E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
More results

Descripción similar - HCPL-7720

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
   40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com