Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-7800-300E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-7800-300E
Descripción Electrónicos  Isolation Amplifer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7800-300E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-7800-300E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800-300E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800-300E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800-300E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800-300E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800-300E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800-300E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800-300E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800-300E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image

HCPL-7800A/HCPL-7800
Isolation Amplifer
Datasheet
Description
The HCPL-7800(A) isolation amplifier family was designed
for current sensing in electronic motor drives. In a typical
implementation, motor currents flow through an external
resistor and the resulting analog voltage drop is sensed
by the HCPL-7800(A). A differential output voltage is
created on the other side of the HCPL-7800(A) optical
isolation barrier. This differential output voltage is pro-
portional to the motor current and can be converted to
a single-ended signal by using an op-amp as shown in
the recommended application circuit. Since common-
mode voltage swings of several hundred volts in tens of
nanoseconds are common in modern switching inverter
motor drives, the HCPL-7800(A) was designed to ignore
very high common-mode transient slew rates (of at least
10 kV/µs).
The high CMR capability of the HCPL-7800(A) isolation
amplifier provides the precision and stability needed to
accurately monitor motor current in high noise motor
control environ-ments, providing for smoother control
(less “torque ripple”) in various types of motor control
applications.
The product can also be used for general analog signal
isolation applications requiring high accuracy, stability,
and linearity under similarly severe noise con-ditions.
For general applications, we recommend the HCPL-7800
(gain tolerance of ±3%). For precision applications Avago
Technologies offers the HCPL-7800A with part-to-part
gain tolerance of ±1%. The HCPL-7800(A) utilizes sigma
delta (Σ−∆) analog-to-digital converter technology,
chopper stabilized amplifiers, and a fully differential
circuit topology.
Together, these features deliver unequaled isolation-
mode noise rejection, as well as excellent offset and
gain accuracy and stability over time and temperature.
This performance is delivered in a compact, auto-insert-
able, industry standard 8-pin DIP package that meets
worldwide regulatory safety standards. (A gull-wing
surface mount option #300 is also available).
Features
• 15 kV/µs Common-Mode Rejection at VCM = 1000 V
• Compact, Auto-Insertable Standard 8-pin DIP Pack-
age
• 0.00025 V/V/°C Gain Drift vs. Temperature
• 0.3 mV Input Offset Voltage
• 100 kHz Bandwidth
• 0.004% Nonlinearity
• WorldwideSafetyApproval:UL1577(3750Vrms/1min.)
and CSA, IEC/EN/DIN EN 60747-5-2
• Advanced Sigma-Delta (Σ−∆) A/D Converter Technol-
ogy
• Fully Differential Circuit Topology
Applications
• Motor Phase and Rail Current Sensing
• Inverter Current Sensing
• Switched Mode Power Supply Signal Isolation
• General Purpose Current Sensing and Monitoring
• General Purpose Analog Signal Isolation
Functional Diagram
1
2
3
4
8
7
6
5
IDD1
VDD1
VIN+
VIN-
GND1
IDD2
VDD2
VOUT+
VOUT-
GND2
+
-
+
-
SHIELD
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and /or degradation which may be induced by ESD.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
NOTE: A 0.1 μF bypass capacitor must be connected
between pins 1 and 4 and between pins 5 and 8.


Número de pieza similar - HCPL-7800-300E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-7800-300 HP-HCPL-7800-300 Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
More results

Descripción similar - HCPL-7800-300E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   Isolation Amplifer
logo
List of Unclassifed Man...
IA296 ETC1-IA296 Datasheet
29Kb / 1P
   ULTRA LOW NOISE TRUE INSTRUMENTATION MEDICAL ISOLATION AMPLIFER
logo
BOWEI Integrated Circui...
HE394B BOWEI-HE394B Datasheet
114Kb / 1P
   Broadband Amplifer
HE395B BOWEI-HE395B Datasheet
106Kb / 1P
   Broadband Amplifer
HE387B BOWEI-HE387B Datasheet
117Kb / 1P
   Broadband Amplifer
HE383C BOWEI-HE383C Datasheet
118Kb / 1P
   Broadband Amplifer
logo
List of Unclassifed Man...
233A ETC1-233A Datasheet
36Kb / 1P
   CHOPPER STABILIZED AMPLIFER
logo
Panasonic Semiconductor
MN6502 PANASONIC-MN6502 Datasheet
95Kb / 4P
   CMOS Operational Amplifer
logo
Fairchild Semiconductor
BC183C FAIRCHILD-BC183C Datasheet
128Kb / 3P
   NPN General Purpose Amplifer
logo
Qorvo, Inc
TQP5525 QORVO-TQP5525 Datasheet
606Kb / 11P
   Wi-Fi Power Amplifer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com