Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM74ALS244ASJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza DM74ALS244ASJ
Descripción Electrónicos  Octal 3-STATE Bus Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS244ASJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS244ASJ Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS244ASJ Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS244ASJ Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS244ASJ Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS244ASJ Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS244ASJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006212
www.fairchildsemi.com
September 1986
Revised February 2000
DM74ALS244A
Octal 3-STATE Bus Driver
General Description
This octal 3-STATE bus driver is designed to provide the
designer with flexibility in implementing a bus interface with
memory, microprocessor, or communication systems. This
device offers 64-extended temperature Grade product
guaranteeing performance from
−40°C to +85°C. The out-
put 3-STATE gating control is organized into two separate
groups of four buffers, and both control inputs enable the
respective outputs when set logic LOW. The 3-STATE cir-
cuitry contains a feature that maintains the buffer outputs in
3-STATE (high impedance state) during power supply
ramp-up or ramp-down. This eliminates bus glitching prob-
lems that arise during power-up and power-down.
Features
s Advanced
low
power
oxide-isolated
ion-implanted
Schottky TTL process
s Functional and pin compatible with the 74LS counterpart
s Improved switching performance with less power dissi-
pation compared with the 74LS counterpart
s Switching response specified into 500
Ω and 50 pF load
s Switching response specifications guaranteed over full
temperature and VCC supply range
s PNP input design reduces input loading
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
H
= HIGH Level Logic State
L
= LOW Level Logic State
X
= Don't Care (Either LOW or HIGH Level Logic State)
Z
= High Impedance (OFF) State
Logic Diagram
Order Number
Package Number
Package Description
DM74ALS244AWM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
DM74ALS244ASJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74ALS244AMSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide
DM74ALS244AN
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Input
Output
G
AY
LL
L
LH
H
HX
Z


Número de pieza similar - DM74ALS244ASJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74ALS240A FAIRCHILD-DM74ALS240A Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS240AN FAIRCHILD-DM74ALS240AN Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
DM74ALS240AN FAIRCHILD-DM74ALS240AN Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS240ASJ FAIRCHILD-DM74ALS240ASJ Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
More results

Descripción similar - DM74ALS244ASJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74ALS1240A FAIRCHILD-DM74ALS1240A Datasheet
39Kb / 4P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A_07 Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
74HC_HCT245 PHILIPS-74HC_HCT245_15 Datasheet
137Kb / 22P
   Octal bus tranceiver; 3-state
Rev. 03-31 January 2005
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com