Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM2327P Datasheet(PDF) 2 Page - Analog Power

No. de pieza AM2327P
Descripción Electrónicos  P-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2327P Datasheet(HTML) 2 Page - Analog Power

  AM2327P Datasheet HTML 1Page - Analog Power AM2327P Datasheet HTML 2Page - Analog Power AM2327P Datasheet HTML 3Page - Analog Power AM2327P Datasheet HTML 4Page - Analog Power AM2327P Datasheet HTML 5Page - Analog Power AM2327P Datasheet HTML 6Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
AM2327P
Analog Power
July, 2002 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM2327_H
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of
the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential
or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different
applications and actual performance may vary over time. All operating parameters, including “Typical” must be validated for each customer
application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products
are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation where personal
injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall
indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such
unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an
Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-0.7
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±8 V
±100
nA
VDS = -16 V, VGS = 0 V
-1
VDS = -16 V, VGS = 0 V, TJ = 55
oC
-10
On-State Drain Current
A
ID(on)
VDS = -5 V, VGS = -4.5 V
-10
A
VGS = -4.5 V, ID = -3.6 A
52
VGS = -2.5 V, ID = -3.1 A
72
VGS = -1.8 V, ID = -2.7 A
120
Forward Tranconductance
A
gfs
VDS = -5 V, ID = -1.25 A
12
S
Diode Forward Voltage
VSD
IS = -0.46 A, VGS = 0 V
-0.60
V
Total Gate Charge
Qg
12.0
Gate-Source Charge
Qgs
2.0
Gate-Drain Charge
Qgd
2.0
Input Capacitance
Ciss
1312
Output Capacitance
Coss
130
Reverse Transfer Capacitance
Crss
106
Turn-On Delay Time
td(on)
6.5
Rise Time
tr
20
Turn-Off Delay Time
td(off)
31
Fall-Time
tf
21
Drain-Source On-Resistance
A
rDS(on)
mΩ
Parameter
Limits
Unit
VDD = -10 V, IL = -1 A,
VGEN = -4.5 V, RG = 6 Ω
ns
Dynamic
b
VDS = -5 V, VGS = -4.5 V,
ID = -2.4 A
nC
P-Channel VDS=-15V, VGS=0V, f=1MHz
pF
SPECIFICATIONS (TA = 25
o
C UNLESS OTHERWISE NOTED)
uA
IDSS
Zero Gate Voltage Drain Current
Static
Test Conditions
Symbol


Número de pieza similar - AM2327P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
   Digital Temperature and Humidity Sensor
logo
Power-One
AM2320-7 POWER-ONE-AM2320-7 Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Analog Power
AM2320NE ANALOGPOWER-AM2320NE Datasheet
359Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
List of Unclassifed Man...
AM2321 ETC2-AM2321 Datasheet
1Mb / 30P
   Digital Temperature and Humidity Sensor
logo
Analog Power
AM2321P ANALOGPOWER-AM2321P Datasheet
346Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results

Descripción similar - AM2327P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com