Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FFPF30UA60S Datasheet(PDF) 5 Page - Diodes Incorporated

No. de pieza FFPF30UA60S
Descripción Electrónicos  30 A, 600 V, Ultrafast ll Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FFPF30UA60S Datasheet(HTML) 5 Page - Diodes Incorporated

  FFPF30UA60S Datasheet HTML 1Page - Diodes Incorporated FFPF30UA60S Datasheet HTML 2Page - Diodes Incorporated FFPF30UA60S Datasheet HTML 3Page - Diodes Incorporated FFPF30UA60S Datasheet HTML 4Page - Diodes Incorporated FFPF30UA60S Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.fairchildsemi.com
5
©2009 Fairchild Semiconductor Corporation
FFPF30UA60S Rev. A


Número de pieza similar - FFPF30UA60S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinki Semiconductor Co...
FFPF30UA60S THINKISEMI-FFPF30UA60S Datasheet
3Mb / 3P
   30Amperes,600Volts Single Insulated Package Ultra Fast Recovery Epitaxial Diode
More results

Descripción similar - FFPF30UA60S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FFAF60UA60DN FAIRCHILD-FFAF60UA60DN Datasheet
2Mb / 5P
   60 A, 600 V, Ultrafast ll Dual Diode
logo
STMicroelectronics
STTH30M06S STMICROELECTRONICS-STTH30M06S Datasheet
208Kb / 10P
   600 V, 30 A ultrafast high voltage diode
June 2021
logo
ON Semiconductor
RURG3060-F085 ONSEMI-RURG3060-F085 Datasheet
5Mb / 7P
   Ultrafast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
RURG3060CC-F085 ONSEMI-RURG3060CC-F085 Datasheet
488Kb / 7P
   Ultrafast Rectifier 30 A, 600 V
February, 2020 - Rev. 4
logo
STMicroelectronics
STTH30L06-Y STMICROELECTRONICS-STTH30L06-Y_V01 Datasheet
300Kb / 13P
   Automotive 600 V, 30 A low drop ultrafast diode
October 2020
logo
Fairchild Semiconductor
FFA60UA60DN FAIRCHILD-FFA60UA60DN Datasheet
601Kb / 5P
   60 A, 600 V Ultrafast Diode
FFPF10UP60S FAIRCHILD-FFPF10UP60S_V01 Datasheet
262Kb / 5P
   10 A, 600 V Ultrafast Diode
November 2014 Rev. C2
logo
STMicroelectronics
STTH30RQ06 STMICROELECTRONICS-STTH30RQ06 Datasheet
628Kb / 20P
   600 V, 30 A ultrafast high voltage rectifier
March 2020
STTH30RQ06L2 STMICROELECTRONICS-STTH30RQ06L2 Datasheet
460Kb / 12P
   600 V, 30 A ultrafast high voltage rectifier
December 2021 Rev 3
STTH30RQ06L2Y STMICROELECTRONICS-STTH30RQ06L2Y Datasheet
464Kb / 12P
   Automotive 600 V, 30 A ultrafast high voltage rectifier
December 2021 Rev 3
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com