Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM74ALS373N Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
DM74ALS373N Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 7 page 3 www.fairchildsemi.com Absolute Maximum Ratings(Note 1) Note 1: The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table will define the conditions for actual device operation. Recommended Operating Conditions Note 2: The ( ↓) arrow indicates the negative edge of the enable is used for reference. Electrical Characteristics over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C. Supply Voltage 7V Input Voltage 7V Voltage Applied to Disabled Output 5.5V Operating Free Air Temperature Range 0 °C to +70°C Storage Temperature Range −65°C to +150°C Typical θ JA N Package 57.0 °C/W M Package 76.0 °C/W Symbol Parameter Min Nom Max Units VCC Supply Voltage 4.5 5 5.5 V VIH HIGH Level Input Voltage 2 V VIL LOW Level Input Voltage 0.8 V IOH HIGH Level Output Current −2.6 mA IOL LOW Level Output Current 24 mA tW Width of Enable Pulse, HIGH or LOW 10 ns tSU Data Setup Time (Note 2) 10 ↓ ns tH Data Hold Time (Note 2) 7 ↓ ns TA Free Air Operating Temperature 0 70 °C Symbol Parameter Conditions Min Typ Max Units VIK Input Clamp Voltage VCC = 4.5V, II = −18 mA −1.5 V VOH HIGH Level VCC = 4.5V IOH = −2.6 mA 2.4 3.3 V Output Voltage VCC = 4.5V to 5.5V VCC − 2V IOH = −400 µA VOL LOW Level VCC = 4.5V IOL = 24 mA 0.35 0.5 V Output Voltage II Input Current at Maximum VCC = 5.5V 0.1 mA Input Voltage VIH = 7V IIH HIGH Level Input Current VCC = 5.5V, VIH = 2.7V 20 µA IIL LOW Level Input Current VCC = 5.5V, VIL = 0.4V −0.1 mA IO Output Drive Current VCC = 5.5V VO = 2.25V −30 −112 mA IOZH OFF-State Output Current VCC = 5.5V 20 µA HIGH Level Voltage Applied VO = 2.7V IOZL OFF-State Output Current VCC = 5.5V −20 µA LOW Level Voltage Applied VO = 0.4V ICC Supply Current VCC = 5.5V Outputs HIGH 9 16 mA Outputs OPEN Outputs LOW 16 25 mA Outputs Disabled 17 27 mA |
Número de pieza similar - DM74ALS373N |
|
Descripción similar - DM74ALS373N |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |