Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM74ALS563AWM Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza DM74ALS563AWM
Descripción Electrónicos  Octal D-Type Transparent Latch with 3-STATE Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS563AWM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  DM74ALS563AWM Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS563AWM Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS563AWM Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS563AWM Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS563AWM Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS563AWM Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 2: The (
↓) arrow indicates the negative edge of the enable is used for reference.
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Supply Voltage
7V
Input Voltage
7V
Voltage Applied to Disabled Output
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
56.0
°C/W
M Package
75.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−2.6
mA
IOL
LOW Level Output Current
24
mA
tW
Width of Enable Pulse, HIGH or LOW
15
ns
tSU
Data Setup Time (Note 2)
10
ns
tH
Data Hold Time (Note 2)
10
ns
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.2
V
VOH
HIGH Level
VCC = 4.5V
IOH = Max
2.4
3.2
V
Output Voltage
VIL = VIL Max
VCC = 4.5V to 5.5V
IOH = −400 µAVCC − 2V
VOL
LOW Level
VCC = 4.5V
IOL = 12 mA
0.25
0.4
V
Output Voltage
VIH = 2V
IOL = 24 mA
0.35
0.5
V
II
Input Current @ Maximum
VCC = 5.5V, VIH = 7V
0.1
mA
Input Voltage
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
−0.1
mA
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
−30
−112
mA
IOZH
OFF-State Output Current
VCC = 5.5V, VIH = 2V
20
µA
HIGH Level Voltage Applied
VO = 2.7V
IOZL
OFF-State Output Current
VCC = 5.5V, VIH = 2V
−20
µA
LOW Level Voltage Applied
VO = 0.4V
ICC
Supply Current
VCC = 5.5V
Outputs HIGH
10
17
mA
Outputs OPEN
Outputs LOW
16
26
mA
Outputs Disabled
17
29
mA


Número de pieza similar - DM74ALS563AWM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74ALS564A FAIRCHILD-DM74ALS564A Datasheet
59Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop with
DM74ALS564AN FAIRCHILD-DM74ALS564AN Datasheet
59Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop with
DM74ALS564AWM FAIRCHILD-DM74ALS564AWM Datasheet
59Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop with
More results

Descripción similar - DM74ALS563AWM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HD74AC373 RENESAS-HD74AC373 Datasheet
136Kb / 10P
   Octal Transparent Latch with 3-State Output
logo
Hitachi Semiconductor
HD74AC373 HITACHI-HD74AC373 Datasheet
63Kb / 11P
   Octal Transparent Latch with 3-State Output
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com