Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM74ALS564A Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza DM74ALS564A
Descripción Electrónicos  Octal D-Type Edge-Triggered Flip-Flop with
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS564A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74ALS564A Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS564A Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS564A Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS564A Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS564A Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS564A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Switching Characteristics
over recommended operating free air temperature range
Symbol
Parameter
Conditions
From
To
Min
Max
Units
fMAX
Maximum Clock Frequency
VCC = 4.5V to 5.5V
30
MHz
tPLH
Propagation Delay Time
RL = 500Ω
Clock
Any Q
414
ns
LOW-to-HIGH Level Output
CL = 50 pF
tPHL
Propagation Delay Time
Clock
Any Q
414
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time
Output
Any Q
418
ns
to HIGH Level Output
Control
tPZL
Output Enable Time
Output
Any Q
418
ns
to LOW Level Output
Control
tPHZ
Output Disable Time
Output
Any Q
210
ns
from HIGH Level Output
Control
tPLZ
Output Disable Time
Output
Any Q
315
ns
from LOW Level Output
Control


Número de pieza similar - DM74ALS564A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74ALS563A FAIRCHILD-DM74ALS563A Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Output
DM74ALS563AN FAIRCHILD-DM74ALS563AN Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Output
DM74ALS563AWM FAIRCHILD-DM74ALS563AWM Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Output
More results

Descripción similar - DM74ALS564A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74ALS534 FAIRCHILD-DM74ALS534 Datasheet
58Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop
DM74ALS273 FAIRCHILD-DM74ALS273 Datasheet
76Kb / 7P
   Octal D-Type Edge-Triggered Flip-Flop with Clear
logo
Mitsubishi Electric Sem...
M74LS273P MITSUBISHI-M74LS273P Datasheet
210Kb / 4P
   OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP FLOP WITH RESET
logo
Fairchild Semiconductor
DM74ALS374 FAIRCHILD-DM74ALS374 Datasheet
72Kb / 7P
   Octal 3-STATE D-Type Edge-Triggered Flip-Flop
MM74HC574 FAIRCHILD-MM74HC574 Datasheet
90Kb / 8P
   3-STATE Octal D-Type Edge-Triggered Flip-Flop
MM74HC574SJX FAIRCHILD-MM74HC574SJX Datasheet
105Kb / 8P
   3-STATE Octal D-Type Edge-Triggered Flip-Flop
logo
Texas Instruments
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11374 TI1-74ACT11374_15 Datasheet
855Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-Q1 TI1-SN74LV374A-Q1 Datasheet
199Kb / 11P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com