Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM74ALS573B Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza DM74ALS573B
Descripción Electrónicos  Extended Temperature Octal D-Type Transparent Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS573B Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74ALS573B Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS573B Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS573B Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS573B Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS573B Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS573B Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS573B Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Switching Characteristics
over recommended operating free air temperature range.
Symbol
Parameter
Conditions
From
To
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
Data
Any Q
2
14
ns
LOW-to-HIGH Level Output
RL = 500Ω
tPHL
Propagation Delay Time
CL = 50 pF
Data
Any Q
2
14
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Enable
Any Q
6
20
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable
Any Q
6
19
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time
Output
Any Q
3
18
ns
to HIGH Level Output
Control
tPZL
Output Enable Time
Output
Any Q
4
18
ns
to LOW Level Output
Control
tPHZ
Output Disable Time
Output
Any Q
1
10
ns
from HIGH Level Output
Control
tPLZ
Output Disable Time
Output
Any Q
1
15
ns
from LOW Level Output
Control


Número de pieza similar - DM74ALS573B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74ALS574A FAIRCHILD-DM74ALS574A Datasheet
72Kb / 7P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
DM74ALS574AN FAIRCHILD-DM74ALS574AN Datasheet
72Kb / 7P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
DM74ALS574ASJ FAIRCHILD-DM74ALS574ASJ Datasheet
72Kb / 7P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
DM74ALS574AWM FAIRCHILD-DM74ALS574AWM Datasheet
72Kb / 7P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
DM74ALS576A FAIRCHILD-DM74ALS576A Datasheet
57Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
More results

Descripción similar - DM74ALS573B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
U74HC373 UTC-U74HC373 Datasheet
214Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH
logo
Texas Instruments
SN74LVC573A-Q1 TI-SN74LVC573A-Q1 Datasheet
202Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH
logo
Unisonic Technologies
U74HC373 UTC-U74HC373_15 Datasheet
269Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com