Nombre de pieza
         Descripción
DM74AS1004A

 Hex Inverting Driver ( 4 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 2 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics
over recommended operating free air temperature range
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
76.0
°C/W
M Package
106.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−48
mA
IOL
LOW Level Output Current
48
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.2
V
VOH
HIGH Level
IOH = −2 mA, VCC = 4.5V to 5.5V
VCC − 2
Output Voltage
IOH = −3 mA, VCC = 4.5V
2.4
3.2
V
IOH = Max, VCC = 4.5V
2
VOL
LOW Level
VCC = 4.5V,
0.35
0.5
V
Output Voltage
IOL = Max
II
Input Current @ Max Input Voltage VCC = 5.5V, VIH = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
−0.5
mA
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
−50
−135
−200
mA
ICC
Supply Current
VCC = 5.5V
Outputs HIGH
3.2
5
mA
Outputs LOW
16
27
mA
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
14
ns
LOW-to-HIGH Level Output
RL = 500Ω
tPHL
Propagation Delay Time
CL = 50 pF
14
ns
HIGH-to-LOW Level Output
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
DM74ALS1004Hex Inverting Driver 1 2 3 4 Fairchild Semiconductor
DM74ALS1005Hex Inverting Driver with Open Collector Outputs 1 2 3 4 Fairchild Semiconductor
74HC366HEX BUFFER / LINE DRIVER 3-STATE INVERTING 1 2 3 4 List of Unclassifed Manufacturers
74HC368HEX BUFFER / LINE DRIVER 3-STATE INVERTING 1 2 3 4 List of Unclassifed Manufacturers
MC54-74HC240AOctal 3-State Inverting Buffer/Line Driver/Line Receiver 1 2 3 4 5 MoreMotorola, Inc
CD74HC366High Speed CMOS Logic Hex Buffer/Line Driver Three-State Non-Inverting and Inverting 1 2 3 4 5 MoreTexas Instruments
100323Low Power Hex Bus Driver 1 2 3 4 5 MoreNational Semiconductor
54ACTQ1654016-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs 1 2 3 4 5 National Semiconductor
CD74HC367High Speed CMOS Logic Hex Buffer/Line Driver Three-State Non-Inverting and Inverting 1 2 3 4 5 MoreTexas Instruments
SN74AS1804HEX 2-INPUT NAND DRIVER 1 2 3 4 Texas Instruments

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl