Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM74AS245SJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza DM74AS245SJ
Descripción Electrónicos  Octal Bus Transceiver with 3-STATE Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS245SJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM74AS245SJ Datasheet HTML 1Page - Fairchild Semiconductor DM74AS245SJ Datasheet HTML 2Page - Fairchild Semiconductor DM74AS245SJ Datasheet HTML 3Page - Fairchild Semiconductor DM74AS245SJ Datasheet HTML 4Page - Fairchild Semiconductor DM74AS245SJ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006299
www.fairchildsemi.com
October 1986
Revised February 2000
DM74AS245
Octal Bus Transceiver with 3-STATE Outputs
General Description
This advanced Schottky device contains 8 pairs of
3-STATE logic elements configured as octal bus transceiv-
ers. These circuits are designed for use in memory, micro-
processor systems and in asynchronous bidirectional data
buses. Two way communication between buses is con-
trolled by the (DIR) input. Data transmits either from the A
bus to the B bus or from the B bus to the A bus. Both the
driver and receiver outputs can be disabled via the (G)
enable input which causes outputs to enter the high imped-
ance mode so that the buses are effectively isolated.
Features
s Advanced oxide-isolated, ion-implanted Schottky
TTL process
s Non-inverting logic output
s 3-STATE outputs independently controlled on
A and B buses
s Low output impedance to drive terminated transmission
lines to 133
s Switching response specified into 500
Ω/50 pF
s Specified to interface with CMOS at VOH = VCC − 2V
s PNP inputs reduce input loading
s Switching specifications guaranteed over full
temperature and VCC range
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
Order Number
Package Number
Package Description
DM74AS245WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
DM74AS245SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74AS245N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Control
Inputs
Operation
G
DIR
L
L
B Data to A Bus
L
H
A Data to B Bus
H
X
Hi-Z


Número de pieza similar - DM74AS245SJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74AS240 FAIRCHILD-DM74AS240 Datasheet
56Kb / 5P
   3-STATE Bus Driver/Receiver
DM74AS240N FAIRCHILD-DM74AS240N Datasheet
56Kb / 5P
   3-STATE Bus Driver/Receiver
DM74AS240WM FAIRCHILD-DM74AS240WM Datasheet
56Kb / 5P
   3-STATE Bus Driver/Receiver
DM74AS244 FAIRCHILD-DM74AS244 Datasheet
56Kb / 5P
   3-STATE Bus Driver/Receiver
DM74AS244N FAIRCHILD-DM74AS244N Datasheet
56Kb / 5P
   3-STATE Bus Driver/Receiver
More results

Descripción similar - DM74AS245SJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVCZ245A TI-SN74LVCZ245A_08 Datasheet
535Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11620 TI1-74ACT11620 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com