Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM317LCPK Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM317LCPK
Descripción Electrónicos  3-TERMINAL ADJUSTABLE REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LCPK Datasheet(HTML) 2 Page - Texas Instruments

  LM317LCPK Datasheet HTML 1Page - Texas Instruments LM317LCPK Datasheet HTML 2Page - Texas Instruments LM317LCPK Datasheet HTML 3Page - Texas Instruments LM317LCPK Datasheet HTML 4Page - Texas Instruments LM317LCPK Datasheet HTML 5Page - Texas Instruments LM317LCPK Datasheet HTML 6Page - Texas Instruments LM317LCPK Datasheet HTML 7Page - Texas Instruments LM317LCPK Datasheet HTML 8Page - Texas Instruments LM317LCPK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
11.5 k
124
200 k
195
5.3 k
Ω 5.7 k
70
5.1 k
pF
30
pF
30
2.1 k
2.12 k
10.8 k
40
ADJUSTMENT
OUTPUT
670
1.4
360
INPUT
310
5.6 k
251 W
190
310
NOTE A: All component values shown are nominal.
LM317L
SLCS144D
– JULY 2004 – REVISED OCTOBER 2011
www.ti.com
Table 1. ORDERING INFORMATION(1)
TJ
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 75
LM317LCD
SOIC
– D
L317LC
Reel of 2500
LM317LCDR
SOT-89
– PK
Reel of 1000
LM317LCPK
LA
0
°C to 125°C
Bulk of 1000
LM317LCLP
TO-226/TO-92
– LP
L317LC
Reel of 2000
LM317LCLPR
Tube of 150
LM317LCPW
TSSOP
– PW
L317LC
Reel of 2000
LM317LCPWR
Tube of 75
LM317LID
SOIC
– D
L317LI
Reel of 2500
LM317LIDR
SOT-89
– PK
Reel of 1000
LM317LIPK
LB
–40°C to 125°C
Bulk of 1000
LM317LILP
TO-226/TO-92
– LP
L317LI
Reel of 2000
LM317LILPR
Tube of 150
LM317LIPW
TSSOP
– PW
L317LI
Reel of 2000
LM317LIPWR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
2
Submit Documentation Feedback
Copyright
© 2004–2011, Texas Instruments Incorporated
Product Folder Link(s): LM317L


Número de pieza similar - LM317LCPK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM317LCPK TI1-LM317LCPK Datasheet
936Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317LCPK TI1-LM317LCPK Datasheet
1Mb / 29P
[Old version datasheet]   3-Terminal Adjustable Regulator
LM317LCPKG3 TI1-LM317LCPKG3 Datasheet
1Mb / 29P
[Old version datasheet]   3-Terminal Adjustable Regulator
More results

Descripción similar - LM317LCPK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com