Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM12T-Z Datasheet(PDF) 3 Page - AIMTEC

No. de pieza AM12T-Z
Descripción Electrónicos  12 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM12T-Z Datasheet(HTML) 3 Page - AIMTEC

  AM12T-Z_13 Datasheet HTML 1Page - AIMTEC AM12T-Z_13 Datasheet HTML 2Page - AIMTEC AM12T-Z_13 Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AM12T-Z
12 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.F
3 of 3
North America only
Pin Out Specifications
Derating
Pin
Single
Dual
1
Remote On/Off
Remote On/Off
2
-V Input
-V Input
3
-V Input
-V Input
9
No Pin
Common
11
N.C.
-V Output
14
+V Output
+V Output
16
-V Output
Common
22
+V Input
+V Input
23
+V Input
+V Input
Dimensions
Test Circuits
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Surge:
DC/DC
Converter
+Vout
-Vout
Load
+Vin
-Vin
C1
330uF, 100V
DC/DC
Converter
+Vout
-Vout
Load
+Vin
-Vin
C1
100uF, 100V
L
12uH
Conducted Emmisions :


Número de pieza similar - AM12T-Z_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM12T-Z AIMTEC-AM12T-Z Datasheet
348Kb / 3P
   12 Watt | DC-DC Converter
More results

Descripción similar - AM12T-Z_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM12TW-Z AIMTEC-AM12TW-Z_13 Datasheet
283Kb / 4P
   12 Watt | DC-DC Converter
AM12E-FZ AIMTEC-AM12E-FZ Datasheet
328Kb / 4P
   12 Watt | DC-DC Converter
AM12T-Z AIMTEC-AM12T-Z Datasheet
348Kb / 3P
   12 Watt | DC-DC Converter
AM12TW-Z AIMTEC-AM12TW-Z Datasheet
381Kb / 4P
   12 Watt | DC-DC Converter
logo
Wall Industries,Inc.
RJW WALL-RJW Datasheet
143Kb / 2P
   12 Watt DC/DC Converter
logo
TRACO Electronic AG
THD12 TRACOPOWER-THD12 Datasheet
919Kb / 5P
   DC/DC Converter THD 12 Series, 12 Watt
Rev. November 30, 2022
logo
AIMTEC
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ Datasheet
235Kb / 3P
   Up to 12 Watt | DC-DC Converter
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ_1 Datasheet
199Kb / 3P
   Up to 12 Watt | DC-DC Converter
logo
TRACO Electronic AG
THD12WI TRACOPOWER-THD12WI Datasheet
926Kb / 4P
   DC/DC Converter THD 12WI Series, 12 Watt
Rev. November 30, 2022
TMR12WI TRACOPOWER-TMR12WI Datasheet
908Kb / 5P
   DC/DC Converter TMR 12WI Series, 12 Watt
Rev. November 30, 2022
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com