|
| 74LS04 |
|
||
|
FAIRCHILD |
|
5 page
5 www.fairchildsemi.com Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N14A Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be rea- sonably expected to result in a significant injury to the user. 2. A critical component in any component of a life support device or system whose failure to perform can be rea- sonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| 54LS04 | Hex Inverting Gates | 1 2 3 4 5 More | National Semiconductor |
| DM54S04 | HEX INVERTING GATES | 1 2 | National Semiconductor |
| DM7404 | Hex Inverting Gates | 1 2 3 4 | Fairchild Semiconductor |
| 5404 | Hex Inverting Gates | 1 2 3 4 5 More | National Semiconductor |
| DM74S04 | Hex Inverting Gates | 1 2 3 4 | Fairchild Semiconductor |
| DM5406 | Hex Inverting Buffers with High Voltage Open-Collector Outputs | 1 2 3 4 | National Semiconductor |
| CD74HC4049 | High-Speed CMOS Logic Hex Buffers Inverting and Non-Inverting | 1 2 3 4 5 | Texas Instruments |
| SN54AS1004A | HEX INVERTING DRIVERS | 1 2 3 4 5 More | Texas Instruments |
| DM7406 | Hex Inverting Buffers with High Voltage Open-Collector Outputs | 1 2 3 4 | Fairchild Semiconductor |
| DM74AS1004A | Hex Inverting Driver | 1 2 3 4 | Fairchild Semiconductor |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |