Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMP100MC Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza SMP100MC
Descripción Electrónicos  Trisil??for telecom equipment protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100MC Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SMP100MC_05 Datasheet HTML 2Page - STMicroelectronics SMP100MC_05 Datasheet HTML 3Page - STMicroelectronics SMP100MC_05 Datasheet HTML 4Page - STMicroelectronics SMP100MC_05 Datasheet HTML 5Page - STMicroelectronics SMP100MC_05 Datasheet HTML 6Page - STMicroelectronics SMP100MC_05 Datasheet HTML 7Page - STMicroelectronics SMP100MC_05 Datasheet HTML 8Page - STMicroelectronics SMP100MC_05 Datasheet HTML 9Page - STMicroelectronics SMP100MC_05 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Application information
SMP100MC
6/13
Doc ID 9699 Rev 5
2
Application information
In wire line applications, analog or digital, both central office and subscriber sides have to be
protected. This function is assumed by a combined series / parallel protection stage
Figure 10.
Examples of protection stages for line cards
In such a stage, parallel function is assumed by one or several Trisil, and is used to protect
against short duration surge (lightning). During this kind of surges the Trisil limits the voltage
across the device to be protected at its break over value and then fires. The fuse assumes
the series function, and is used to protect the module against long duration or very high
current mains disturbances (50/60Hz). It acts by safe circuits opening. Lightning surge and
mains disturbance surges are defined by standards like GR1089, TIA/EIA IS-968,
ITU-T K20.
Figure 8.
Variation of thermal impedance
junction to ambient versus pulse
duration
Figure 9.
Relative variation of junction
capacitance versus reverse voltage
applied (typical values)
Z/R
th(j-a)
th(j-a)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
tp(s)
Printed circuit board - FR4,
copper thickness = 35µm,
recommended pad layout
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1
10
100
1000
V (V)
R
C [V ] / C [V =2V]
RR
F =1MHz
V
= 1V
Tj = 25°C
OSC
RMS
Line
Ring
relay
Line
Ex. Analog line card
Ex. ADSL line card or terminal


Número de pieza similar - SMP100MC_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SMP100MC-120 STMICROELECTRONICS-SMP100MC-120 Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP100MC-140 STMICROELECTRONICS-SMP100MC-140 Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP100MC-160 STMICROELECTRONICS-SMP100MC-160 Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP100MC-200 STMICROELECTRONICS-SMP100MC-200 Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP100MC-230 STMICROELECTRONICS-SMP100MC-230 Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
More results

Descripción similar - SMP100MC_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
SMP80MC STMICROELECTRONICS-SMP80MC_07 Datasheet
118Kb / 10P
   TRISIL for telecom equipment protection
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
July 2002 - Ed: 8C
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
November 2002 - Ed: 3B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com