Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC-WTP127R2 Datasheet(PDF) 1 Page - Panasonic Battery Group

No. de pieza LC-WTP127R2
Descripción Electrónicos  For pitch backup systems in wind turbines
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONICBATTERY [Panasonic Battery Group]
Página de inicio  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

LC-WTP127R2 Datasheet(HTML) 1 Page - Panasonic Battery Group

  LC-WTP127R2 Datasheet HTML 1Page - Panasonic Battery Group LC-WTP127R2 Datasheet HTML 2Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LC-WTP127R2
For pitch backup systems in wind turbines
Expected life: 10 years at 20℃, 6 years at 25℃
(based on a weekly discharge cycle of max 15 seconds)
Dimensions(mm)
Specification
Duration of discharge vs. discharge current
Characteristics
Large current discharge characteristics(25℃)
Peak current(A for milliseconds)
160
150
140
130
120
112
105
94
86
80
75
Discharge current(A)
144
135
126
117
108
101
95
85
78
72
68
Discharge time(sec)
3
6
10
15
20
25
30
40
50
60
70
Peak current(A for milliseconds)
70
66
62
59
55
52
49
46
44
42
40
Discharge current(A)
63
60
56
53
50
47
44
42
40
38
36
Discharge time(sec)
80
90
100
110
120
130
140
150
160
170
180
The cut off voltage should be more than 8.0V.Battery should be charged after each discharge.
Charging method
**Please consult us for the right control voltage if the ambient temperature is different.
Operating temperature range
* For storage, please ensure that battery is fully charged.
-40℃~ 50℃
-20℃~ 50℃
-20℃~ 50℃
**Control voltage: 13.6V~13.8V at 20℃~25℃ with temperature compensation, Initial current: 1.08A or smaller
*Storage
Charge
Discharge
Battery case resin: Flame-retardant (UL94V-0)
Contents indicated (including the recycle
marking,etc) are subject to change without notice.
Terminal
Approx. Mass
Nominal Voltage
12V
Rated Capacity(20HR)
Dimensions
Length
Total height
Width
Faston 250M
2.50 kg
Height
100 mm
7.2Ah
151 mm
64.5 mm
94 mm
Temperature
Dependency of
Capacity
(20 hour rate)
Self Discharge
(25 ℃)
21 mΩ
1 hour rate
4.9Ah
0 ℃
100%
Fully charged battery
Internal Resistance
(25 ℃)
40 ℃
102%
After 6 months
82%
85%
25 ℃
65%
-15 ℃
64%
After 3 months
91%
After 12 months
Capacity
(25 ℃)
6.5Ah
3 hour rate
5.8Ah
10 hour rate
20 hour rate
7.2Ah
0.1
0.3
1
310
30
100
1
3
5
10
30
60
3
5
10
20
30
40℃
25℃
0℃
-15℃
Discharge current(A)
Terminal type
6.35
1/2


Número de pieza similar - LC-WTP127R2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Battery Group
LC-WTP127R2 PANASONICBATTERY-LC-WTP127R2_14 Datasheet
807Kb / 1P
   For pitch backup systems in wind turbines
More results

Descripción similar - LC-WTP127R2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Battery Group
LC-WTV1212 PANASONICBATTERY-LC-WTV1212 Datasheet
826Kb / 1P
   For pitch backup systems in wind turbines
LC-WTV127R2 PANASONICBATTERY-LC-WTV127R2 Datasheet
785Kb / 1P
   For pitch backup systems in wind turbines
LC-WTP127R2 PANASONICBATTERY-LC-WTP127R2_14 Datasheet
807Kb / 1P
   For pitch backup systems in wind turbines
LC-WTP1212 PANASONICBATTERY-LC-WTP1212 Datasheet
916Kb / 1P
   For pitch backup systems in wind turbines
logo
Advanced Thermal Soluti...
CWT-PCB ATS-CWT-PCB Datasheet
1Mb / 1P
   TEST MULTIPLE PCBs IN WIND TUNNEL
R3_0215
logo
Skeleton Technologies. ...
171V5.8F SKELETON-171V5.8F Datasheet
295Kb / 2P
   A compact, high-power energy storage module wind turbine pitch control systems
2022
logo
Texas Instruments
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
logo
Maxim Integrated Produc...
MAX1612 MAXIM-MAX1612 Datasheet
136Kb / 12P
   Bridge-Battery Backup Controllers for Notebooks
19-4785; Rev 0; 11/98
logo
Texas Instruments
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com