Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM6612N Datasheet(PDF) 3 Page - Analog Power

No. de pieza AM6612N
Descripción Electrónicos  N-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM6612N Datasheet(HTML) 3 Page - Analog Power

  AM6612N Datasheet HTML 1Page - Analog Power AM6612N Datasheet HTML 2Page - Analog Power AM6612N Datasheet HTML 3Page - Analog Power AM6612N Datasheet HTML 4Page - Analog Power AM6612N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
AM6612N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM6612_I
0
5
10
15
20
25
30
00.5
11.5
22.5
VDS, DRAIN-SOURCE VOLTAGE (V)
5.0V
VGS = 10V
6.0V
3.0V
4.0V
0
5
10
15
20
25
30
0.5
1.5
2.5
3.5
4.5
VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55oC
25oC
125oC
VDS = 5V
0.5
1
1.5
2
2.5
0
5
10
15
20
25
30
ID, DRAIN CURRENT (A)
4.5V
6.0V
10V
0
300
600
900
1200
1500
0
5
10
15
20
25
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
f = 1MHz
VGS = 0 V
Typical Electrical Characteristics (N-Channel)
0.6
0.8
1.0
1.2
1.4
1.6
-50
-2 5
0
2 5
50
75
10 0
12 5
150
TJ Juncation Temperature (C)
VGS = 10V
ID = 7A
Figure 1. On-Region Characteristics
Figure 2. Body Diode Forward Voltage Variation
with Source Current and Temperature
Figure 6. On-Resistance Variation with Temperature
Figure 5. Gate Charge Characteristics
Figure 4. Capacitance Characteristics
Figure 3. On Resistance Vs Vgs Voltage
0
2
4
6
8
10
024
68
10
Qg, Charge (nC)


Número de pieza similar - AM6612N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHENZHEN DOINGTER SEMIC...
AM6612N DOINGTER-AM6612N Datasheet
1Mb / 6P
   N-Channel MOSFET uses advanced trench technology
logo
Analog Power
AM6612NE ANALOGPOWER-AM6612NE Datasheet
206Kb / 3P
   N-Channel 30-V (D-S) MOSFET
More results

Descripción similar - AM6612N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com