Nombre de pieza
         Descripción
DM74LS90

 Decade and Binary Counters ( 6 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
   
 6 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Package Number N14A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
DM74LS90Decade and Binary Counters 1 2 3 4 5 MoreNational Semiconductor
SN54ALS190SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments
SN5417635-MHz PRESETTABLE DECADE AND BINARY COUNTERS/LATCHES 1 2 3 4 5 MoreTexas Instruments
SN54290DECADE AND 4-BIT BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments
SN54390DUAL 4-BIT DECADE AND BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments
SN54HC160SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments
SN5490ADECADE DIVIDE-BY-TWELVE AND BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments
SN54ALS161BSYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments
DM5490Decade and Binary Counters 1 2 3 4 5 MoreNational Semiconductor
SN54ALS160BSYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS 1 2 3 4 5 MoreTexas Instruments