Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM30N15-60D Datasheet(PDF) 2 Page - Analog Power

No. de pieza AM30N15-60D
Descripción Electrónicos  N-Channel 150-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM30N15-60D Datasheet(HTML) 2 Page - Analog Power

  AM30N15-60D Datasheet HTML 1Page - Analog Power AM30N15-60D Datasheet HTML 2Page - Analog Power AM30N15-60D Datasheet HTML 3Page - Analog Power AM30N15-60D Datasheet HTML 4Page - Analog Power AM30N15-60D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM30N15-60D
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 120 V, VGS = 0 V
1
VDS = 120 V, VGS = 0 V, TJ = 55°C
25
On-State Drain Current
a
ID(on)
VDS = 5 V, VGS = 10 V
40
A
VGS = 10 V, ID = 10 A
69
VGS = 5.5 V, ID = 8 A
110
Forward Transconductance
a
gfs
VDS = 15 V, ID = 10 A
38
S
Diode Forward Voltage
a
VSD
IS = 25.3 A, VGS = 0 V
0.8
V
Total Gate Charge
Qg
24
Gate-Source Charge
Qgs
7.8
Gate-Drain Charge
Qgd
9.7
Turn-On Delay Time
td(on)
13
Rise Time
tr
22
Turn-Off Delay Time
td(off)
64
Fall Time
tf
36
Input Capacitance
Ciss
2599
Output Capacitance
Coss
167
Reverse Transfer Capacitance
Crss
90
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
rDS(on)
nC
VDS = 75 V, RL = 7.5 Ω, ID = 10 A,
VGEN = 10 V, RGEN = 6 Ω
VDS = 75 V, VGS = 5.5 V,
ID = 10 A
Drain-Source On-Resistance
a
pF
VDS = 15 V, VGS = 0 V, f = 1 Mhz
Zero Gate Voltage Drain Current
Static
uA
Electrical Characteristics
IDSS
Dynamic
b
ns
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
© Preliminary
2
Publication Order Number:
DS_AM30N15-60D_1A


Número de pieza similar - AM30N15-60D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
AM30N15-60D VBSEMI-AM30N15-60D Datasheet
1,002Kb / 9P
   N-Channel 150 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM30N15-60D DOINGTER-AM30N15-60D Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
More results

Descripción similar - AM30N15-60D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
   N-Channel 150 V (D-S) MOSFET
Rev. B, 30-Sep-13
logo
Analog Power
AM20N15-250B ANALOGPOWER-AM20N15-250B Datasheet
369Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM90N15-16B ANALOGPOWER-AM90N15-16B Datasheet
332Kb / 5P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
   N-Channel 150 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
   N-Channel 150-V (D-S) MOSFET
Rev. F, 06-Apr-09
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 26-May-03
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM1158N VBSEMI-VBM1158N Datasheet
658Kb / 8P
   N-Channel 150 V (D-S) MOSFET
15T15GH-HF VBSEMI-15T15GH-HF Datasheet
1Mb / 9P
   N-Channel 150 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com