Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM40N04-30DE Datasheet(PDF) 3 Page - Analog Power

No. de pieza AM40N04-30DE
Descripción Electrónicos  N-Channel 40-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM40N04-30DE Datasheet(HTML) 3 Page - Analog Power

  AM40N04-30DE Datasheet HTML 1Page - Analog Power AM40N04-30DE Datasheet HTML 2Page - Analog Power AM40N04-30DE Datasheet HTML 3Page - Analog Power AM40N04-30DE Datasheet HTML 4Page - Analog Power AM40N04-30DE Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
AM40N04-30DE
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM40N04-30DE_A
Typical Electrical Characteristics
Transfer Characteristics
On-Resistance vs. Junction Temperature
Gate Charge
Capacitance
On Resistance vs. Drain Current
Output Characteristics
0
10
20
30
40
50
60
00.5
11.5
22.5
3
VDS - Drain-to-Source Voltage (V)
3V
4V
6V
10V
0
5
10
15
20
25
30
35
40
45
50
34
56
78
9
VGS - Gate-to-Source Voltage (V)
TA = -55
oC
25
oC
125
oC
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
5
10
15
20
25
30
35
40
ID - Drain Current (A)
10V
4.5V
Ciss, Coss and Crss measurement of AM4541C Die1
NMOS
0
100
200
300
400
500
600
700
800
900
0
5
10
15
20
Vds(V)
Ciss
Coss
Crss
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (
oC)
VGS = 10V
0
2
4
6
8
10
02
4
6
8
10
12
QG, Total Gate Charge (nC)
VD= 15V
ID= 6.5A


Número de pieza similar - AM40N04-30DE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM40N04-30D ANALOGPOWER-AM40N04-30D Datasheet
346Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM40N04-30D DOINGTER-AM40N04-30D Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Descripción similar - AM40N04-30DE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com