Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM96S02M Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza DM96S02M
Descripción Electrónicos  Dual Retriggerable Resettable Monostable Multivibrator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM96S02M Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM96S02M Datasheet HTML 1Page - Fairchild Semiconductor DM96S02M Datasheet HTML 2Page - Fairchild Semiconductor DM96S02M Datasheet HTML 3Page - Fairchild Semiconductor DM96S02M Datasheet HTML 4Page - Fairchild Semiconductor DM96S02M Datasheet HTML 5Page - Fairchild Semiconductor DM96S02M Datasheet HTML 6Page - Fairchild Semiconductor DM96S02M Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the “Electrical
Characteristics” table are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
DC Electrical Characteristics
Over recommended operating free air temperature range (unless otherwise noted)
Note 2: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Supply Voltage
7V
Input Voltage
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Conditions
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−1mA
IOL
LOW Level Output Current
20
mA
TA
Free Air Operating Temperature
0
70
°C
VT+
Positive-Going Threshold
VCC = 5.0V
2.0
V
Voltage, I0, I1
VT−
Negative-Going
VCC = 5.0V
0.8
V
Threshold Voltage, I0, I1
VCX
Capacitor Voltage
VCC = 4.75V
RX = 1.0 kΩ,
−0.85
3.0
V
Pin 1 (15) Referenced
to 5.25V
RX ≥ 10 kΩ−0.5
3.0
to Pin 2 (14)
RX > 1.0 MΩ−0.4
3.0
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.2
V
VOH
HIGH Level
VCC = Min, IOH = −1.0 mA,
2.7
3.4
V
Output Voltage
VIL = Max
VOL
LOW Level
VCC = Min, IOL = Max,
0.35
0.5
V
Output Voltage
VIH = Min
II
Input Current at Max
VCC = Max, VI = 5.5V
1mA
Input Voltage
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−1.0
mA
IOS
Short Circuit
VCC = Max
−40
−100
mA
Output Current
(Note 2)
ICC
Supply Current
VCC = Max
75
mA


Número de pieza similar - DM96S02M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DM9601 NSC-DM9601 Datasheet
147Kb / 6P
   Retriggerable One Shot
logo
List of Unclassifed Man...
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
   USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
Pulse A Technitrol Comp...
DM9601 PULSE-DM9601 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
List of Unclassifed Man...
DM9601E ETC1-DM9601E Datasheet
603Kb / 58P
   USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
Davicom Semiconductor, ...
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
   USB to Ethernet MAC Controller with Integrated 10/100 PHY
More results

Descripción similar - DM96S02M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
logo
Fairchild Semiconductor
DM96LS02 FAIRCHILD-DM96LS02 Datasheet
102Kb / 8P
   Dual Retriggerable Resettable Monostable Multivibrator
DM96L02 FAIRCHILD-DM96L02 Datasheet
68Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com