Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN1086DX Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FAN1086DX
Descripción Electrónicos  1.5A Adjustable/Fixed Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1086DX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN1086DX Datasheet HTML 1Page - Fairchild Semiconductor FAN1086DX Datasheet HTML 2Page - Fairchild Semiconductor FAN1086DX Datasheet HTML 3Page - Fairchild Semiconductor FAN1086DX Datasheet HTML 4Page - Fairchild Semiconductor FAN1086DX Datasheet HTML 5Page - Fairchild Semiconductor FAN1086DX Datasheet HTML 6Page - Fairchild Semiconductor FAN1086DX Datasheet HTML 7Page - Fairchild Semiconductor FAN1086DX Datasheet HTML 8Page - Fairchild Semiconductor FAN1086DX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PRODUCT SPECIFICATION
FAN1086
4
REV. 1.0.7 11/10/03
Typical Performance Characteristics
1.5
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
1.250
1.245
1.240
1.235
1.230
1.225
1.220
1.215
1.210
1.205
1.200
0
0
0.9
1.2
0.6
0.3
OUTPUT CURRENT (A)
JUNCTION TEMPERATURE (
°C)
JUNCTION TEMPERATURE (
°C)
JUNCTION TEMPERATURE (
°C)
3.70
3.65
3.60
3.55
3.50
3.45
3.40
3.35
3.30
3.25
3.20
100
90
80
70
60
50
40
30
20
10
0
5
4
3
2
1
0
1.5
-75 -50 -25 0
25 50 75 100 125 150 175
-75 -50 -25 0
25 50 75 100 125 150 175
-75 -50 -25 0
25 50 75 100 125 150 175
JUNCTION TEMPERATURE (
°C)
-75 -50 -25 0
25 50 75 100 125 150 175
JUNCTION TEMPERATURE (
°C)
-75 -50 -25 0
25 50 75 100 125 150 175
∆I = 1A
VOUT = 3.6V
1
VOUT SET WITH 1% RESISTORS
VOUT = 3.3V
Note:
1. FAN1086 Only
Note:
1. FAN1086 Only
Figure 1. Dropout Voltage vs. Output Current
Figure 2. Load Regulation vs. Temperature
Figure 3. Reference Voltage vs. Temperature
Figure 4. Output Voltage vs. Temperature
Figure 5. Minimum Load Current vs. Temperature
Figure 6. Adjust Pin Current vs. Temperature


Número de pieza similar - FAN1086DX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN1084 FAIRCHILD-FAN1084 Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1084D FAIRCHILD-FAN1084D Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1084D15 FAIRCHILD-FAN1084D15 Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1084D33 FAIRCHILD-FAN1084D33 Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
More results

Descripción similar - FAN1086DX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ1086 UTC-UZ1086_09 Datasheet
224Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086 UTC-UZ1086_12 Datasheet
239Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com