Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN2512S25X Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FAN2512S25X
Descripción Electrónicos  150 mA CMOS LDO Regulators with Fast Start Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2512S25X Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN2512S25X Datasheet HTML 2Page - Fairchild Semiconductor FAN2512S25X Datasheet HTML 3Page - Fairchild Semiconductor FAN2512S25X Datasheet HTML 4Page - Fairchild Semiconductor FAN2512S25X Datasheet HTML 5Page - Fairchild Semiconductor FAN2512S25X Datasheet HTML 6Page - Fairchild Semiconductor FAN2512S25X Datasheet HTML 7Page - Fairchild Semiconductor FAN2512S25X Datasheet HTML 8Page - Fairchild Semiconductor FAN2512S25X Datasheet HTML 9Page - Fairchild Semiconductor FAN2512S25X Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PRODUCT SPECIFICATION
FAN2512/FAN2513
6
REV. 1.1.8 5/25/04
Electrical Characteristics (Notes 1, 2)
Switching Characteristics (Notes 1, 2)
Performance Characteristics (Notes 1, 2)
Notes:
1. Unless otherwise stated, TA = 25°C, VIN = VOUT + 1V, IOUT = 100µA, VIH > 2.0 V.
2. Bold values indicate -40
≤ TJ ≤ 125°C.
3. The adjustable version, has a bandgap voltage range of 1.24V to 1.40V with a nominal value of 1.32V.
4. When using repeated cycling.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Regulator
VDO
Drop Out Voltage
IOUT = 100 µA
2.5
4
mV
IOUT = 50 mA
50
75
mV
IOUT = 100 mA
100
140
mV
IOUT = 150 mA
150
180
mV
∆VO
Output Voltage Accuracy
-2
2
%
VDO
Reference Voltage Accuracy, Adjustable Mode
1.24
1.32
1.40
V
∆VO3
Output Voltage Accuracy, Adjustable Mode
-6
6
%
IGND
Ground Pin Current
IOUT = 150 mA
50
µA
Protection
Current Limit
Thermally Protected
IGSD
Shut-Down Current
EN = 0V
1
µA
TSH
Thermal Protection Shutdown Temperature
150
°C
ETL
ERR Trip Level
FAN2513 only
90
95
99
%
Enable Input
VIL
Logic Low Voltage
1.2
0.4
V
VIH
Logic High Voltage
2.0
1.4
V
IIH
Input Current High
1
µA
II
Input Current Low
1
µA
Parameter
Conditions
Min.
Typ.
Max.
Unit
Enable Input4
Response time
500
µsec
Error Flag (FAN2513-XX)
Response time
3
msec
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
∆VOUT/∆VIN
Line regulation
VIN = (VOUT + 1) to 6.5V
0.3
% / V
∆VOUT/VOUT
Load regulation
IOUT = 0.1 to 150mA
1.0
2.0
%
eN
Output noise
10Hz–1KHz
COUT = 10µF,
CBYP = 0.01µF
>10KHz,
COUT = 10µF,
CBYP = 0.01µF
<7
<0.01
PSRR
Power Supply Rejection
120 Hz,
COUT = 10µF,
CBYP = 0.01µF
43
dB
Hz
µV/


Número de pieza similar - FAN2512S25X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2512S33X FAIRCHILD-FAN2512S33X Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2512S33X ONSEMI-FAN2512S33X Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
More results

Descripción similar - FAN2512S25X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
FAN2534 FAIRCHILD-FAN2534 Datasheet
492Kb / 11P
   150 mA CMOS LDO Regulator with Fast Start, Enable
FAN2514 FAIRCHILD-FAN2514 Datasheet
253Kb / 10P
   200 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com