Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5071 Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FAN5071
Descripción Electrónicos  High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5071 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5071 Datasheet HTML 2Page - Fairchild Semiconductor FAN5071 Datasheet HTML 3Page - Fairchild Semiconductor FAN5071 Datasheet HTML 4Page - Fairchild Semiconductor FAN5071 Datasheet HTML 5Page - Fairchild Semiconductor FAN5071 Datasheet HTML 6Page - Fairchild Semiconductor FAN5071 Datasheet HTML 7Page - Fairchild Semiconductor FAN5071 Datasheet HTML 8Page - Fairchild Semiconductor FAN5071 Datasheet HTML 9Page - Fairchild Semiconductor FAN5071 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PRODUCT SPECIFICATION
FAN5071
REV. 1.0.4 1/29/02
6
Typical Operating Characteristics
(VCCA = 5V, VCCP = 12V, and TA = +25°C using circuit in Figure 1, unless otherwise noted.)
1.48
1.46
1.44
1.42
1.4
1.38
1.36
1.34
0369
12
15
18
21
24
28
Output Current (A)
Droop,Circuit of Fig.1
Vcpu Efficiency vs.Output Current
65
70
75
80
85
90
2
4
6
8
10
12
14
16
18
20
22
24
26
28
Output Current (A)
Output Ripple, 1.425 @ 28A
Time (2µs/division)
Transient Response, 28A to 0.1A
Time (20µs/division)
1.515V
1.425V
1.335V
Transient Response, 0.1A to 28A
Time (20µs/division)
1.515V
1.425V
1.335V
Switching Waveforms, 28A Load
Time (20µs/division)
HIDRV
pin
LODRV
pin


Número de pieza similar - FAN5071

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
   High Performance Programmable Synchronous DC-DC Controller
FAN5078 FAIRCHILD-FAN5078 Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
FAN5078D3 FAIRCHILD-FAN5078D3 Datasheet
611Kb / 18P
   Complete ACPI Compliant Power Solution for DDR3 Memory System
FAN5078D3MPX FAIRCHILD-FAN5078D3MPX Datasheet
611Kb / 18P
   Complete ACPI Compliant Power Solution for DDR3 Memory System
FAN5078MPX FAIRCHILD-FAN5078MPX Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
More results

Descripción similar - FAN5071

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
RC5061 FAIRCHILD-RC5061 Datasheet
135Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5059MX FAIRCHILD-FAN5059MX Datasheet
216Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5056MV85 FAIRCHILD-FAN5056MV85 Datasheet
162Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
RC5058 FAIRCHILD-RC5058 Datasheet
257Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
   High Performance Programmable Synchronous DC-DC Controller
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
Semtech Corporation
SC1158 SEMTECH-SC1158 Datasheet
71Kb / 5P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com