Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5234MTCX Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FAN5234MTCX
Descripción Electrónicos  Mobile-Friendly PWM/PFM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5234MTCX Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5234MTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 10Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 11Page - Fairchild Semiconductor FAN5234MTCX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PRODUCT SPECIFICATION
FAN5234
8
REV. 1.0.10 5/3/04
Figure 5. Improving current sensing accuracy
More accurate sensing can be achieved by using a resistor
(R1) instead of the RDS(ON) of the FET as shown in Figure 5.
This approach causes higher losses, but yields greater accu-
racy in both VDROOP and ILIMIT. R1 is a low value (e.g.
10m
Ω) resistor.
Current limit (ILIMIT) should be set sufficiently high as to
allow inductor current to rise in response to an output load
transient. Typically, a factor of 1.2 is sufficient. In addition,
since ILIMIT is a peak current cut-off value, we will need to
multiply ILOAD(MAX) by the inductor ripple current (we’ll
use 25%). For example, in Figure 1 the target for ILIMIT
would be:
ILIMIT > 1.2 × 1.25 × 1.6 × 6A ≈ 14A
(6)
Duty Cycle Clamp
During severe load increase, the error amplifier output can
go to its upper limit pushing a duty cycle to almost 100% for
significant amount of time. This could cause a large increase
of the inductor current and lead to a long recovery from a
transient, over-current condition, or even to a failure espe-
cially at high input voltages. To prevent this, the output of
the error amplifier is clamped to a fixed value after two clock
cycles if severe output voltage excursion is detected, limiting
the maximum duty cycle to
This circuit is designed to not interfere with normal PWM
operation. When FPWM is grounded, the duty cycle clamp
is disabled and the maximum duty cycle is 87%.
Gate Driver section
The Adaptive gate control logic translates the internal PWM
control signal into the MOSFET gate drive signals providing
necessary amplification, level shifting and shoot-through
protection. Also, it has functions that help optimize the IC
performance over a wide range of operating conditions.
Since MOSFET switching time can vary dramatically
from type to type and with the input voltage, the gate control
logic provides adaptive dead time by monitoring the
gate-to-source voltages of both upper and lower MOSFETs.
The lower MOSFET drive is not turned on until the
gate-to-source voltage of the upper MOSFET has decreased
to less than approximately 1 volt. Similarly, the upper
MOSFET is not turned on until the gate-to-source voltage of
the lower MOSFET has decreased to less than approximately
1 Volt. This allows a wide variety of upper and lower MOS-
FETs to be used without a concern for simultaneous conduc-
tion, or shoot-through.
There must be a low-resistance, low-inductance path
between the driver pin and the MOSFET gate for the adap-
tive dead-time circuit to work properly. Any delay along that
path will subtract from the delay generated by the adaptive
dead-time circit and shoot-through may occur.
Frequency Loop Compensation
Due to the implemented current mode control, the modulator
has a single pole response with -1 slope at frequency deter-
mined by load
where RO is load resistance, CO is load capacitance. For this
type of modulator, Type 2 compensation circuit is usually
sufficient. To reduce the number of external components and
simplify the design task, the PWM controller has an inter-
nally compensated error amplifier. Figure 6 shows a Type 2
amplifier and its response along with the responses of a
current mode modulator and of the converter. The Type 2
amplifier, in addition to the pole at the origin, has a zero-pole
pair that causes a flat gain region at frequencies between the
zero and the pole.
Figure 6. Compensation
LDRV
PGND
ISNS
R
SENSE
Q2
DC
MAX
V
OUT
V
IN
--------------
2.4
V
IN
---------
+
=
F
PO
1
2
πR
OCO
----------------------
=
(7)
R1
R2
EA Out
C1
C2
REF
V
IN
0
14
18
modulator
F
P0
F
Z
F
P
erro
r am
p
F
Z
1
2
πR
2C1
--------------------
6kHz
==
(8a)
F
P
1
2
πR
2C2
--------------------
600kHz
==
(8b)


Número de pieza similar - FAN5234MTCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5234MTCX FAIRCHILD-FAN5234MTCX Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
More results

Descripción similar - FAN5234MTCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234_10 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Renesas Technology Corp
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224_06 Datasheet
248Kb / 13P
   Single Output Mobile-Friendly PWM Controller
ISL6224 INTERSIL-ISL6224 Datasheet
378Kb / 13P
   Single Output Mobile-Friendly PWM Controller
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com