Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5250QSCX Datasheet(PDF) 11 Page - Fairchild Semiconductor

No. de pieza FAN5250QSCX
Descripción Electrónicos  Mobile Processor Core-Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5250QSCX Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5250QSCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 10Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 11Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 12Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 13Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 14Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
FAN5250
REV. 1.1.6 3/12/03
11
Figure 8. Active Droop
Additionally, the CPU power dissipation is also slightly
reduced as it is proportional to the applied voltage squared
and even slight voltage decrease translates to a measurable
reduction in power dissipated.
Figure 9. Effect of Active Droop on ESR
The Crusoe
 processor regulation window including
transients is specified as +5%…–2%. To accommodate the
droop, the output voltage of the converter is raised by about
3.25% at no load as shown below (R24 = 1K and
R25 = 30.1K):
Figure 10. Setting the No-Load Output Voltage Rise
The converter response to the load step is shown in Figure
11. At zero load current, the output voltage is raised ~50mV
above nominal value of 1.35V. When the load current
increases, the output voltage droops down approximately
55mV. Due to use of Active Droop, the converter’s output
voltage adaptively changes with the load current allowing
better utilization of the regulation window.
Figure 11. Converter Response to 5A Load Step
The current through RSENSE resistor (ISNS) is sampled
shortly after Q2 is turned on. That current is held, and then
injected (with a 1/48 gain) into the inverting path of the error
amp to produce an offset to the sensed output voltage at
VCORE + proportional to the load current.
Setting the Current Limit
A ratio of ISNS is also compared to the current established
when a 1.2 V internal reference drives the ILIM pin. The
threshold is determined at the point when the
Since
therefore,
Since the tolerance on the current limit is largely dependent
on the ratio of the external resistors it is fairly accurate if the
voltage drop on the Switching Node side of RSENSE is an
accurate representation of the load current. When using the
MOSFET as the sensing element, the variation of RDS(ON)
causes proportional variation in the ISNS. This value not
only varies from device to device, but also has a typical
junction temperature coefficient of about 0.4%/°C
(consult the MOSFET datasheet for actual values), so the
actual current limit set point will decrease proportional to
increasing MOSFET die temperature. The same discussion
applies to the VDROOP calculation, which has an additional
initial error of ±20% due to its value being determined by
a ratio between RSENSE and the internal 100K resistor.
1.2
I
LOAD
V
DROOP
I
MAX
V
ESR
upper lim
lower lim
ILOAD
Vout
(no droop)
Vout
droop » ESR
upper lim
lower lim
V
ESR
16 VCORE+
V CORE
R24
R25
C
OUT
1
2
ICPU = 0A...5.0A
lower limit
VCPU = 1.35V
upper limit
Ch2 2.0A
M50
µs
Ch1 50mV
V
DROOP
100K
I
LOAD
R
DS ON
()
×
48
R
SENSE
×
--------------------------------------------
×
=
V
DROOP
2083
I
LOAD
R
DS ON
()
×
R
SENSE
--------------------------------------------
×
=
(9a)
(9b)
ISNS
8
---------------
ILIM
4
×
3
----------------------
>
ISNS
I
LOAD
R
DS ON
()
×
R
SENSE
--------------------------------------------
=
I
LIMIT
1.2V
R
LIM
-------------
4
3
---
8
100
R
SENSE
+
()
×
R
DS ON
()
----------------------------------------------------
×
×
=
(10)


Número de pieza similar - FAN5250QSCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5230 FAIRCHILD-FAN5230 Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5230QSC FAIRCHILD-FAN5230QSC Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
FAN5232 FAIRCHILD-FAN5232 Datasheet
76Kb / 9P
   Adjustable PWM Buck Controller for LCD PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
More results

Descripción similar - FAN5250QSCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL6211 INTERSIL-ISL6211 Datasheet
257Kb / 16P
   Crusoe??Processor Core-Voltage Regulator
logo
Renesas Technology Corp
ISL6211 RENESAS-ISL6211 Datasheet
714Kb / 16P
   Crusoe™ Processor Core-Voltage Regulator
Nov 2001
logo
Intel Corporation
320032-001 INTEL-320032-001 Datasheet
552Kb / 57P
   Mobile Intel Atom Processor N270 Single Core
326769-002 INTEL-326769-002 Datasheet
2Mb / 342P
   Mobile 3rd Generation Intel짰 Core??Processor Family
logo
Intersil Corporation
ISL6223 INTERSIL-ISL6223 Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Advantech Co., Ltd.
DVS-355M ADVANTECH-DVS-355M Datasheet
395Kb / 2P
   Embedded/Mobile Digital Video Platform with Intel Core Duo Mobile Processor
logo
AAEON Technology
IMBI-QM57 AAEON-IMBI-QM57 Datasheet
307Kb / 2P
   Industrial Motherboard with Intel Core i7/i5 Mobile Processor
logo
Renesas Technology Corp
ISL6260 RENESAS-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Intersil Corporation
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com