Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si87xxSDIP6-KIT Datasheet(PDF) 6 Page - Silicon image

No. de pieza Si87xxSDIP6-KIT
Descripción Electrónicos  Si87XX LED EMULATOR INPUT ISOLATOR EVALUATION BOARD USER?셎 GUIDE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILICONIMAGE [Silicon image]
Página de inicio  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

Si87xxSDIP6-KIT Datasheet(HTML) 6 Page - Silicon image

Back Button Si87xxSDIP6-KIT Datasheet HTML 2Page - Silicon image Si87xxSDIP6-KIT Datasheet HTML 3Page - Silicon image Si87xxSDIP6-KIT Datasheet HTML 4Page - Silicon image Si87xxSDIP6-KIT Datasheet HTML 5Page - Silicon image Si87xxSDIP6-KIT Datasheet HTML 6Page - Silicon image Si87xxSDIP6-KIT Datasheet HTML 7Page - Silicon image Si87xxSDIP6-KIT Datasheet HTML 8Page - Silicon image Si87xxSDIP6-KIT Datasheet HTML 9Page - Silicon image Si87xxSDIP6-KIT Datasheet HTML 10Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Si87xx-EVB
6
Rev. 0.3
3.5. Adjusting Input Signal Frequency and VDD
Now is a good time to explore some additional functionality of the board. From here the user can do the following:
1. Slowly adjust VDD down to 3 V and up to 30 V. Then, take the VDD voltage below 2.8 V. Once below 2.8 V,
it can be seen that the Si87xx’s UVLO turns on. In this condition, the output should turn off and is pulled to
VDD in which case the square wave disappears.
2. Next, adjust the supply back to 5 V.
3. Another dial the user can adjust is the frequency dial on the square wave generator. Turn this dial from tens
of Hz up to 15 MHz and observe the scope output.
Note: To alter the output drive strength, R4 can be adjusted. Feel free to vary the 348
 (the default board setting) R4 to sev-
eral k
. Changing this value alters the rise/fall times at the expense or benefit of power consumption. Consult the prod-
uct data sheet as higher value resistors will not accommodate full 30 V operation.
3.6. Enable Test (DIP8, SOIC8, and LGA8 Boards Only)
The next test demonstrates the ENABLE function of the Si8712. To perform this test:
1. Remove the shunt on J4.
2. Connect a clip-to-clip wire from P2, Pin2 (VE/VL) to P2, Pin4 (GND2).
3. The output should be pulled to VDD and the square wave turned off.
4. To resume normal operation, remove the clip-to-clip wire on P2, and reinstall the shunt on J4 (position 1-2).
3.7. Using the Internal Pull-Up Resistor (DIP8, SOIC8, and LGA8 Boards Only)
To use the internal Pull-up resistor, the user will need to:
1. Replace the default device with a Si8711.
2. Remove J5.
3. Move the shunt on J4 to position 2–3.
4. Any of the tests described above can now be repeated.


Número de pieza similar - Si87xxSDIP6-KIT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI87XX SILABS-SI87XX Datasheet
400Kb / 36P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI87XX SKYWORKS-SI87XX Datasheet
1Mb / 38P
   5 KV LED EMULATOR INPUT, OPEN COLLECTOR OUTPUT ISOLATORS
January 25, 2022
More results

Descripción similar - Si87xxSDIP6-KIT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon image
SI826X-EVB SILICONIMAGE-SI826X-EVB Datasheet
446Kb / 18P
   Si826X LED EMULATOR INPUT ISODRIVER EVALUATION BOARD USER?셎 GUIDE
logo
Silicon Laboratories
SI8261 SILABS-SI8261 Datasheet
1Mb / 18P
   LED EMULATOR INPUT ISODRIVER EVALUATION BOARD USERS GUIDE
SI4700-EVB SILABS-SI4700-EVB Datasheet
2Mb / 44P
   Si4700/01/02/03 EVALUATION BOARD USER?셎 GUIDE
SI4312-DB SILABS-SI4312-DB Datasheet
455Kb / 11P
   Si4312 DEMO BOARD USER?셎 GUIDE
SI4311-DB SILABS-SI4311-DB Datasheet
445Kb / 11P
   Si4311 DEMO BOARD USER?셎 GUIDE
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
UG-128 AD-UG-128 Datasheet
225Kb / 8P
   Evaluation Board User Guide
REV. B
UG-272 AD-UG-272 Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
UG-486 AD-UG-486 Datasheet
532Kb / 8P
   Evaluation Board User Guide
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com