Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDS1000B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza TDS1000B
Descripción Electrónicos  Digital Storage Oscilloscopes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

TDS1000B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TDS1000B Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS1000B Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS1000B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS1000B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS1000B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS1000B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS1000B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS1000B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Digital Storage Oscilloscopes
TDS1000B Series • TDS2000B Series
Acquisition Modes
Peak Detect –
High frequency and random glitch capture. Captures
glitches as narrow as 12 ns (typical) using acquisition
hardware at all time base settings from 5 µs/div to
50 s/div.
Sample – Sample data only.
Average –
Waveform averaged, selectable: 4, 16, 64, 128.
Single Sequence –
Use the Single Sequence button to capture a single
triggered acquisition sequence at a time.
Roll Mode –
At acquisition time base settings of >100 ms/div.
Trigger System
Trigger Modes – Auto, Normal, Single Sequence.
Trigger Types
Edge (Rising/Falling) –
Conventional level-driven trigger. Positive or negative
slope on any channel. Coupling selections: AC, DC,
Noise Reject, HF Reject, LF Reject.
Video –
Trigger on all lines or individual lines, odd/even or all
fields from composite video, or broadcast standards
(NTSC, PAL, SECAM).
Pulse Width (or Glitch) –
Trigger on a pulse width less than, greater than,
equal to, or not equal to, a selectable time limit
ranging from 33 ns to 10 s.
Trigger Source
2-channel Models – CH1, CH2, Ext, Ext/5, AC Line.
4-channel Models –
CH1, CH2, CH3, CH4, Ext, Ext/5, AC Line.
Trigger View
Displays trigger signal while trigger view button
is depressed.
Trigger Signal Frequency
Readout
Provides a frequency readout of the trigger source.
Cursors
Types – Amplitude, Time.
Measurements – [Δ]T, 1[Δ]T (frequency), [Δ]V.
Automatic Waveform
Measurements
Period, Frequency, +Width, –Width, Rise Time, Fall
Time, Max, Min, Peak-to-Peak, Mean, Cycle RMS.
Waveform Math
Operators – Add, Subtract, Multiply, FFT.
FFT –
Windows, Hanning, Flat Top, Rectangular,
2048 sample points.
Sources –
2-channel Models: CH1 to CH2, CH2 to CH1,
CH1+CH2, CH1xCH2.
4-channel Models: CH1 to CH2, CH2 to CH1,
CH3 to CH4, CH4 to CH3, CH1+CH2, CH3+CH4,
CH1xCH2, CH3xCH4.
Autorange
Automatically adjust vertical and/or horizontal oscil-
loscope settings when probe is moved from point
to point, or when the signal exhibits large changes.
Display Characteristics
Display –
Color models: 14 VGA passive color LCD with color on
black background with adjustable multi-level contrast.
Monochrome models: 14 VGA backlit passive LDC with
adjustable multi-level contrast and inverse video
selectable from front panel.
Interpolation – Sin(x)/x.
Display Types – Dots, vectors.
Persistence – Off, 1 s, 2 s, 5 s, infinite.
Format – YT and XY.
Environmental and Safety
Temperature –
Operating: 0 ºC to +50 ºC.
Non-operating: –40 ºC to +71 ºC.
Humidity –
Operating and Non-operating: Up to 80% RH at
or below +40 ºC. Operating and Non-operating:
Up to 45% RH up to +50 ºC.
Altitude –
Operating and Non-operating: Up to 3,000 m.
Electromagnetic Compatibility –
Meets Directive 89/336/EEC, amended by 93/68/EEC,
meets or exceed EN55011 Class A Radiated and
Conducted Emissions; FCC 47 CFR, Part 15,
Subpart B, Class A; Australian EMC Framework,
demonstrated per Emission Standard AS/NZS 2064;
Russian GOST EMC regulations.
Safety –
UL610100-1:2003, CSA22.2 No. 61010-1:2003,
EN61010-1:2001, IEC61010-1:2001.
Physical Characteristics
Instrument
Dimensions
mm
in.
Width
326.3
12.85
Height
158.0
6.22
Depth
124.2
4.89
Weight
kg
lbs.
Instrument only
2.0
4.4
With accessories
2.2
4.9
Instrument Shipping
Package Dimensions
mm
in.
Width
476.2
18.75
Height
266.7
10.5
Depth
228.6
9
RM2000B Rackmount
mm
in.
Width
482.6
19
Height
177.8
7
Depth
108
4.25
Digital Storage Oscilloscopes • www.tektronix.com/tds2000b
6
Autoset Menu
Single-button, automatic setup of all channels for vertical, horizontal and trigger systems, with undo Autoset.
Signal Type
Autoset Menu Choices
Square Wave
Single-cycle, Multi-cycle, Rising or Falling Edge
Sine Wave
Single-cycle, Multi-cycle, FFT Spectrum
Video (NTSC, PAL, SECAM)
Field: All, Odd or Even
Line: All or Selectable Line Number


Número de pieza similar - TDS1000B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TDS1002 ETC-TDS1002 Datasheet
138Kb / 8P
   Digital Storage Oscilloscopes
More results

Descripción similar - TDS1000B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TBS1000B TEKTRONIX-TBS1000B Datasheet
936Kb / 12P
   Digital Storage Oscilloscopes
logo
List of Unclassifed Man...
TDS1012 ETC-TDS1012 Datasheet
138Kb / 8P
   Digital Storage Oscilloscopes
TDS2000C ETC2-TDS2000C Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TPS2000B TEKTRONIX-TPS2000B Datasheet
815Kb / 14P
   Digital Storage Oscilloscopes
logo
B&K Precision Corporati...
2560 BK-2560 Datasheet
3Mb / 7P
   Digital Storage and Mixed Signal Oscilloscopes
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com